Electronic Components Datasheet Search
  English  ▼

X  

ICS953002 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS953002
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS953002 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS953002 Datasheet HTML 1Page - Renesas Technology Corp ICS953002 Datasheet HTML 2Page - Renesas Technology Corp ICS953002 Datasheet HTML 3Page - Renesas Technology Corp ICS953002 Datasheet HTML 4Page - Renesas Technology Corp ICS953002 Datasheet HTML 5Page - Renesas Technology Corp ICS953002 Datasheet HTML 6Page - Renesas Technology Corp ICS953002 Datasheet HTML 7Page - Renesas Technology Corp ICS953002 Datasheet HTML 8Page - Renesas Technology Corp ICS953002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
Pin Configuration
Recommended Application:
Chipset for P4 type processor with PCI-Express
Output Features:
•
2 - 0.7V current-mode differential CPU pairs
•
1 - 0.7V current-mode differential CPU/PCI-Express
selectable pair
•
6 - PCI, 33MHz
•
2 - REF, 14.318MHz
•
3 - 3V66, 66.66MHz
•
1 - 48MHz
•
1 - 24/48MHz
•
5 - PCI-Express 0.7V current mode differential pairs
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
3V66 outputs cycle-cycle jitter < 250ps
•
PCI outputs cycle-cycle jitter < 500ps
Programmable Timing Control Hub™ for Next Gen P4™ processor
Functionality
Features/Benefits:
•
Programmable output frequency.
•
Programmable asynchronous 3V66&PCI frequency.
•
Programmable asynchronous PCI-Express frequency.
•
Programmable output divider ratios.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system if system
malfunctions.
•
Programmable watch dog safe frequency.
•
Support I2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz reference input, external
crystal load caps are required for frequency tuning.
B0b4
B0b3
B0b2
B0b1
B0b0
PCI-EX
AGP
PCI
CPU
FS4
FS3
FSL2
FSL1
FSL0
MHz
MHz
MHz
MHz
00
0
0
0
100.00
66.66
33.33
266.66
00
0
0
1
100.00
66.66
33.33
133.33
00
0
1
0
100.00
66.66
33.33
200.00
00
0
1
1
100.00
66.66
33.33
166.66
00
1
0
0
N/A
N/A
N/A
N/A
00
1
0
1
100.00
66.66
33.33
100.00
00
1
1
0
100.00
66.66
33.33
400.00
00
1
1
1
100.00
66.66
33.33
200.00
01
0
0
0
100.00
66.66
33.33
100.00
01
0
0
1
100.00
66.66
33.33
133.33
01
0
1
0
100.00
66.66
33.33
200.00
01
0
1
1
100.00
66.66
33.33
166.66
01
1
0
0
100.00
66.66
33.33
100.00
01
1
0
1
100.00
66.66
33.33
133.33
01
1
1
0
100.00
66.66
33.33
200.00
01
1
1
1
100.00
66.66
33.33
166.66
1
0
0
0
0
100.00
66.66
33.33
266.66
10
0
0
1
100.00
66.66
33.33
133.33
10
0
1
0
100.00
66.66
33.33
200.00
10
0
1
1
100.00
66.66
33.33
166.66
10
1
0
0
N/A
N/A
N/A
N/A
10
1
0
1
100.00
66.66
33.33
100.00
10
1
1
0
100.00
66.66
33.33
400.00
10
1
1
1
100.00
66.66
33.33
200.00
11
0
0
0
100.00
66.66
33.33
266.66
11
0
0
1
100.00
66.66
33.33
133.33
11
0
1
0
100.00
66.66
33.33
200.00
11
0
1
1
100.00
66.66
33.33
166.66
11
1
0
0
N/A
N/A
N/A
N/A
11
1
0
1
100.00
66.66
33.33
100.00
11
1
1
0
100.00
66.66
33.33
400.00
11
1
1
1
100.00
66.66
33.33
200.00
VDDA
1
56 GND
GND
2
55 IREF
VDDREF
3
54 CPUCLKT0
**FS
L0/REF0
4
53 CPUCLKC0
FS
L1/REF1
5
52 GNDCPU
X1
6
51 CPUCLKT1
X2
7
50 CPUCLKC1
GNDREF
8
49 VDDCPU
VttPWR_GD/PD#
9
48 SDATA
VDDPCI 10
47 CPUCLKT2_ITP/PCIEXT0
**FS
L2/PCICLK0
11
46 CPUCLKC2_ITP/PCIEXC0
**FS3/~PCICLK1 12
45 VDDPCIEX
PCICLK2 13
44 PCIEXT1
PCICLK3 14
43 PCIEXC1
GNDPCI 15
42 PCIEXT2
VDDPCI 16
41 PCIEXC2
PCICLK4 17
40 GNDPCIEX
PCICLK5 18
39 VDDPCIEX
GNDPCI 19
38 PCIEXT3
*Turbo# 20
37 PCIEXC3
Reset# 21
36 PCIEXT4
VDD48 22
35 PCIEXC4
**Mode0/48MHz
23
34 PCIEXT5/CPU_STOP#*
*Sel24_48#/24_48MHz
24
33 PCIEXC5/PCI_PCIEX_STOP#*
GND48 25
32 GNDPCIEX
VDD3V66 26
31 SCLK
**ITP_EN/3V66_2 27
30 GND3V66
**FS4/3V66_1 28
29 3V66_0
~This output is default 2X drive strength.
56-Pin SSOP
*These inputs have 120K internal pull-up resistors to VDD.
**These inputs have 120K internal pull-down resistors to GND.


Similar Part No. - ICS953002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS953002 ICST-ICS953002 Datasheet
285Kb / 35P
Programmable Timing Control Hub for Next Gen P4 processor
More results

Similar Description - ICS953002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Renesas Technology Corp
952926 RENESAS-952926 Datasheet
327Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
953008 RENESAS-953008 Datasheet
311Kb / 21P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954119 RENESAS-954119 Datasheet
274Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954141 RENESAS-954141 Datasheet
288Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952607 RENESAS-ICS952607 Datasheet
397Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952624 RENESAS-ICS952624 Datasheet
303Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com