Electronic Components Datasheet Search
  English  ▼

X  

IDT723663 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 6Page - Renesas Technology Corp IDT723663 Datasheet HTML 7Page - Renesas Technology Corp IDT723663 Datasheet HTML 8Page - Renesas Technology Corp IDT723663 Datasheet HTML 9Page - Renesas Technology Corp IDT723663 Datasheet HTML 10Page - Renesas Technology Corp IDT723663 Datasheet HTML 11Page - Renesas Technology Corp IDT723663 Datasheet HTML 12Page - Renesas Technology Corp IDT723663 Datasheet HTML 13Page - Renesas Technology Corp IDT723663 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
BIG-ENDIAN/FIRST WORD FALL THROUGH (BE/FWFT)
— ENDIAN SELECTION
Thisisadualpurposepin.AtthetimeofReset,theBEselectfunctionisactive,
permittingachoiceofBig-orLittle-Endianbytearrangementfordatareadfrom
PortB.Thisselectiondeterminestheorderbywhichbytes(orwords)ofdata
aretransferredthroughthisport.Forthefollowingillustrations,assumethata
byte (or word) bus size has been selected for Port B. (Note that when Port B
isconfiguredforalongwordsize,theBig-Endianfunctionhasnoapplication
and the BE input is a “don’t care”1.)
AHIGHontheBE/FWFTinputwhentheReset(RS1)inputgoesfromLOW
toHIGHwillselectaBig-Endianarrangement.Inthiscase,themostsignificant
byte (word) of the long word written to Port A will be read from Port B first; the
leastsignificantbyte(word)ofthelongwordwrittentoPortAwillbereadfrom
PortBlast.
ALOWontheBE/FWFTinputwhentheReset(RS1)inputgoesfromLOW
toHIGHwillselectaLittle-Endianarrangement.Inthiscase,theleastsignificant
byte (word) of the long word written to Port A will be read from Port B first; the
mostsignificantbyte(word)ofthelongwordwrittentoPortAwillbereadfrom
Port B last. Refer to Figure 2 for an illustration of the BE function. See Figure
3 (Reset) for an Endian select timing diagram.
— TIMING MODE SELECTION
AfterReset,theFWFTselectfunctionisactive,permittingachoicebetween
two possible timing modes: IDT Standard mode or First Word Fall Through
(FWFT)mode.OncetheReset(RS1)inputisHIGH,aHIGHontheBE/FWFT
inputduringthenextLOW-to-HIGHtransitionofCLKAandCLKBwillselectIDT
Standard mode. This mode uses the Empty Flag function (EF) to indicate
whether or not there are any words present in the FIFO memory. It uses the
FullFlagfunction(FF)toindicatewhetherornottheFIFOmemoryhasanyfree
space for writing. In IDT Standard mode, every word read from the FIFO,
includingthefirst,mustberequestedusingaformalreadoperation.
OncetheReset(RS1)inputisHIGH,aLOWontheBE/FWFTinputduring
thenextLOW-to-HIGHtransitionofCLKAandCLKBwillselectFWFTmode.
ThismodeusestheOutputReadyfunction(OR)toindicatewhetherornotthere
isvaliddataatthedataoutputs(B0-B35).ItalsousestheInputReadyfunction
(IR)toindicatewhetherornottheFIFOmemoryhasanyfreespaceforwriting.
IntheFWFTmode,thefirstwordwrittentoanemptyFIFOgoesdirectlytodata
outputs,noreadrequestnecessary.Subsequentwordsmustbeaccessedby
performingaformalreadoperation.
Following Reset, the level applied to the BE/FWFT input to choose the
desiredtimingmodemustremainstaticthroughoutFIFOoperation.Referto
Figure 3 (Reset) for a First Word Fall Through select timing diagram.
PROGRAMMING THE ALMOST-EMPTY AND ALMOST-FULL FLAGS
TworegistersintheIDT723663/723673areusedtoholdtheoffsetvalues
fortheAlmost-EmptyandAlmost-Fullflags.TheAlmost-Emptyflag(AE)Offset
registerislabeledXandAlmost-Fullflag(AF)OffsetregisterislabeledY.The
offsetregisterscanbeloadedwithpresetvaluesduringtheresetoftheFIFO,
programmed in parallel using the FIFO’s Port A data inputs, or programmed
inserialusingtheSerialData(SD)input(seeTable1).FS2FS0/SD,andFS1/
SEN function the same way in both IDT Standard and FWFT modes.
SIGNAL DESCRIPTION
RESET (RS1, RS2)
After power up, a Reset operation must be performed by providing a LOW
pulse to RS1 and RS2 simultaneously. Afterwards, the FIFO memory of the
IDT723663/723673undergoesacompleteresetbytakingitsReset(RS1and
RS2)inputLOWforatleastfourPortAclock(CLKA)andfourPortBclock(CLKB)
LOW-to-HIGHtransitions.TheResetinputscanswitchasynchronouslytothe
clocks.AResetinitializestheinternalreadandwritepointersandforcestheFull/
Input Ready flag (FF/IR) LOW, the Empty/Output Ready flag (EF/OR) LOW,
theAlmost-Emptyflag(AE)LOW,andtheAlmost-Fullflag(AF)HIGH.AReset
(RS1)alsoforcestheMailboxflag(MBF1)oftheparallelmailboxregisterHIGH,
and at the same time the RS2 and MBF2 operate likewise. After a Reset, the
FIFO’s Full/Input Ready flag is set HIGH after two write clock cycles to begin
normaloperation.
ALOW-to-HIGHtransitionontheFlFOReset(RS1)inputlatchesthevalue
of the Big-Endian (BE) input for determining the order by which bytes are
transferredthroughPortB.
A LOW-to-HIGH transition on the FlFO Reset (RS1) input also latches the
valuesoftheFlagSelect(FS0,FS1andFS2)inputsforchoosingtheAlmost-
FullandAlmost-Emptyoffsetprogrammingmethod(fordetailsseeTable1,Flag
Programming, and Almost-Empty and Almost-Full flag offset programming
section). The relevant Reset timing diagram can be found in Figure 3.
PARTIAL RESET (PRS)
TheFIFOmemoryoftheIDT723663/723673undergoesalimitedresetby
taking its Partial Reset (PRS) input LOW for at least four Port A clock (CLKA)
andfourPortBclock(CLKB)LOW-to-HIGHtransitions.TheRTMpinmustbe
LOW during the time of Partial Reset. The Partial Reset input can switch
asynchronouslytotheclocks.APartialResetinitializestheinternalreadand
write pointers and forces the Full/Input Ready flag (FF/IR) LOW, the Empty/
Output Ready flag (EF/OR) LOW, the Almost-Empty flag (AE)LOW,andthe
Almost-Fullflag(AF)HIGH.APartialResetalsoforcestheMailboxflag(MBF1,
MBF2)oftheparallelmailboxregisterHIGH.AfteraPartialReset,theFIFO’s
Full/InputReadyflagissetHIGHaftertwoWriteClockcyclestobeginnormal
operation. See Figure 4, Partial Reset (IDT Standard and FWFT Modes) for
therelevanttimingdiagram.
Whateverflagoffsets,programmingmethod(parallelorserial),andtiming
mode(FWFTorIDTStandardmode)arecurrentlyselectedatthetimeaPartial
Resetisinitiated,thosesettingswillberemainunchangeduponcompletionof
the reset operation. A Partial Reset may be useful in the case where
reprogramming a FIFO following a Reset would be inconvenient.
RETRANSMIT (RT)
The FIFO memory of these devices undergoes a Retransmit by taking its
associatedRetransmit(RT)inputLOWforatleastfourPortAClock(CLKA)and
fourPortBClock(CLKB)LOW-to-HIGHtransitions.TheRetransmitinitializes
the read pointer of FIFO to the first memory location.
TheRTMpinmustbeHIGHduringthetimeofRetransmit.NotethattheRT
inputismuxedwiththePRSinput,thestateoftheRTMpindeterminingwhether
thispinperformsaRetransmitoraPartialReset.SeeFigure19forRetransmit
(Standard IDT mode) and Figure 20 for Retransmit (FWFT mode) timing
diagrams.
NOTE:
1. Either a HIGH or LOW can be applied to a “don’t care” input with no change to the logical operation of the FIFO. Nevertheless, inputs that are temporarily “don’t care” (along with
unused inputs) must not be left open, rather they must be either HIGH or LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com