Electronic Components Datasheet Search
  English  ▼

X  

BLF2045 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF2045
Description  UHF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2045 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF2045 Datasheet HTML 1Page - NXP Semiconductors BLF2045 Datasheet HTML 2Page - NXP Semiconductors BLF2045 Datasheet HTML 3Page - NXP Semiconductors BLF2045 Datasheet HTML 4Page - NXP Semiconductors BLF2045 Datasheet HTML 5Page - NXP Semiconductors BLF2045 Datasheet HTML 6Page - NXP Semiconductors BLF2045 Datasheet HTML 7Page - NXP Semiconductors BLF2045 Datasheet HTML 8Page - NXP Semiconductors BLF2045 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1999 Dec 06
5
Philips Semiconductors
Preliminary specification
UHF power LDMOS transistor
BLF2045
VDS =26 V; IDQ = 180 mA; Th
≤ 25 °C;
f1 =2000 MHz; f2 = 2000.1 MHz..
Fig.4
Intermodulation distortion as a function of
peak envelope load power; typical values.
-60
-40
-20
0
0
10
20304050
PL (PEP) (W)
dim
(dBc)
d3
d5
d
7
(1) IDQ =140mA
(2) IDQ = 180mA
(3) IDQ = 220mA
VDS =26 V;Th ≤ 25 °C; f1 =2000 MHz; f2 = 2000.1 MHz.
Fig.5
Intermodulation distortion as a function of
peak envelope load power; typical values.
-60
-40
-20
0
0
10
20304050
P
L (PEP) (W)
d3
(dBc)
(1)
(2)
(3)
Fig.6
Input impedance as a function of frequency
(series components); typical values.
VDS =26 V; IDQ = 180 mA; PL =45 W; Th
≤ 25 °C.
0
1
2
3
4
5
1.822.2
f (GHz)
z
i
(
Ω)
r
i
xi
Fig.7
Load impedance as a function of frequency
(series components); typical values.
VDS =26 V; IDQ = 180 mA; PL =45 W; Th
≤ 25 °C.
-6
-4
-2
0
2
4
6
1.822.2
f (GHz)
Z
L
(
Ω)
XL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com