Electronic Components Datasheet Search
  English  ▼

X  

672RZ Datasheet(PDF) 1 Page - Marathon Special Products

Part # 672RZ
Description  Replace “XX” with 01 through 24 for number of poles 9/16 (.563) Pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

672RZ Datasheet(HTML) 1 Page - Marathon Special Products

  672RZ Datasheet HTML 1Page - Marathon Special Products 672RZ Datasheet HTML 2Page - Marathon Special Products 672RZ Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Data Sheet
www.marathonsp.com
TERMINAL BLOCK, DOUBLE ROW
672 RZ XX
Replace “XX” with 01 through 24 for number of poles
9/16 (.563) Pitch
Wire Range
•
Standard (binding) and PSB screw, #12 - #14 AWG copper only, torque 16 lb-in
•
Listed lug (crimp type ring, spade, or fork terminal), #10-22 AWG, torque 16 lb-in
•
3765 and 3767 (SEMS) screw options, #12 - #14 AWG copper only, torque 16 lb-in
Electrical Ratings
•
Amps
• 30A with Listed ring lug or unprepared wire (Based on NEC Code, 75°C columns)
•
600 Volts AC/DC (UL 1059 Class C, Use Group – General Industrial)
•
Short Circuit Current Rating: 10,000A (Default)
•
Approved for Factory and Field Wiring.
Agency Compliance
•
UL Recognized, UL 1059 Terminal Block Standard, File No. XCFR2.E47811
•
CSA Certified, CSA C22.2 No. 158, File No. LR19766
•
CE compliant, IEC 60947-7-1
•
RoHS Compliant
Material Information
•
Insulator base:
•
Thermoplastic
•
Flammability rating of insulator base UL94V0
•
Insulator base temperature rating: -40°C to 125°C (UL RTI)
•
Connector - Brass, tin plated
•
Drive screw (Rivet): Stainless Steel
•
Screw, #8-32 Binder head, Phil-Slot: Steel, nickel plated


Similar Part No. - 672RZ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
672 LITTELFUSE-672 Datasheet
43Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
logo
Marl International Limi...
672 MARL-672 Datasheet
401Kb / 4P
횠25.4mm mounting Black anodised aluminium housing
logo
List of Unclassifed Man...
672-1175M ETC-672-1175M Datasheet
276Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Oscilent Corporation
672-12.0M-33-03 OSCILENT-672-12.0M-33-03 Datasheet
141Kb / 3P
SMD Resonator
672-12.0M-33-03-N-TR OSCILENT-672-12.0M-33-03-N-TR Datasheet
139Kb / 3P
SMD Resonator
More results

Similar Description - 672RZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
Sample Program (24-Number Time-of-Day Clock)
logo
Japan Aviation Electron...
FF02S27SV1 JAE-FF02S27SV1 Datasheet
224Kb / 1P
OOD NUMBER OF CONTACTS
logo
C&K Components
KXT3 CK-COMPONENTS-KXT3 Datasheet
216Kb / 2P
High number of cycle
logo
Weidmuller
1075621000 WEIDMULLER-1075621000 Datasheet
876Kb / 3P
Bus line, Connecting line, M12 / M12, Number of poles: 2
September 18, 2021
logo
Samtec, Inc
EHF-1XX-01-X-D-XX-XX-XX SAMTEC-EHF-1XX-01-X-D-XX-XX-XX Datasheet
248Kb / 2P
Recommended PCB Layout For EHF-1XX-01-X-D-XX-XX-XX
Rev. A
logo
Marathon Special Produc...
15XXSTD MARATHON-15XXSTD Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
4XX MARATHON-4XX Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
621RZ MARATHON-621RZ Datasheet
409Kb / 3P
Replace “XX” with 01 through 30 for number of poles 7/16 (.438) Pitch
REV E 04/20/2020
134X305 MARATHON-134X305 Datasheet
781Kb / 4P
Replace “x” with 1, 2, or 3 for number of poles
11/09/2023
134X350 MARATHON-134X350 Datasheet
605Kb / 3P
Replace “x” with 1, 2, or 3 for number of poles
10/20/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com