Electronic Components Datasheet Search
  English  ▼

X  

672RZ Datasheet(PDF) 2 Page - Marathon Special Products

Part # 672RZ
Description  Replace “XX” with 01 through 24 for number of poles 9/16 (.563) Pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

672RZ Datasheet(HTML) 2 Page - Marathon Special Products

  672RZ Datasheet HTML 1Page - Marathon Special Products 672RZ Datasheet HTML 2Page - Marathon Special Products 672RZ Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.marathonsp.com
2
PDS 0375 REV-E 04/20/2020
Product Data Sheet
Catalog #
Product Description
Images
KT55
Full Quick Connect (0° Flat)
Reference
KT56
Full Quick Connect (45° Flat)
KT57
Full Quick Connect (90° Flat)
KT61
Half Quick Connect (0° Flat)
KT62
Half Quick Connect (45° Flat)
KT63
Half Quick Connect (90° Flat)
ST
Full Solder
No Image
Reference
3/4 ST
Half Solder
No Image
J 602
Line-to-Line Jumper
Reference
3786
SEMS Pressure Saddle Screw
Reference
3787
SEMS Pressure Saddle Screw with
external tooth lock washer
PSB
Phil-Slot Brass Screw
--
--
Covers - Top Mounted
Reference
Making & Insulator Strips -
Sub-Mounted
Reference
Marking Strips - Top Mounted
Reference
Hardware Options



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com