Electronic Components Datasheet Search
  English  ▼

X  

VBMB16R06 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VBMB16R06
Description  N-Channel 600V (D-S) Super Junction Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB16R06 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VBMB16R06 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
0
Power MOSFET
FEATURES
• Low figure-of-merit (FOM) Ron x Qg
• Low input capacitance (Ciss)
• Reduced switching and conduction losses
• Ultra low gate charge (Qg)
• Avalanche energy rated (UIS)
APPLICATIONS
• Server and telecom power supplies
• Switch mode power supplies (SMPS)
• Power factor correction power supplies (PFC)
• Lighting
- High-intensity discharge (HID)
- Fluorescent ballast lighting
• Industrial
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. VDD = 50 V, starting TJ = 25 °C, L = 28.2 mH, Rg = 25
Ω, IAS = 3.5 A.
c. 1.6 mm from case.
d. ISD
≤ ID, dI/dt = 100 A/μs, starting TJ = 25 °C.
PRODUCT SUMMARY
VDS (V) at TJ max.
00
RDS(on) at 25 °C (
Ω)
VGS = 10 V
0.8
Qg max. (nC)
Qgs (nC)
Qgd (nC)
Configuration
Single
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
6
00
V
Gate-Source Voltage
VGS
±30
Continuous Drain Current (TJ = 150 °C)
VGS at 10 V
TC = 25 °C
ID
6
A
TC = 100 °C
5
Pulsed Drain Current a
IDM
Linear Derating Factor
W/°C
Single Pulse Avalanche Energy b
EAS
mJ
Maximum Power Dissipation
PD
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Drain-Source Voltage Slope
TJ = 125 °C
dV/dt
V/ns
Reverse Diode dV/dt d
Soldering Recommendations (Peak Temperature) c
for 10 s
300
°C
S
N-Channel MOSFET
G
D
TO-220AB
Top View
GD S
G D S
TO-220 FULLPAK
TO-252
GD
S
Top View
Top View
TO-251
G
D
S
Top View
VBM16R06 / VBMB16R06
VBE16R06 / VBFB16R06
www.VBsemi.com
服务热线:400-655-8788


Similar Part No. - VBMB16R06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBMB16R01 VBSEMI-VBMB16R01 Datasheet
1Mb / 12P
Power MOSFET
VBMB16R02 VBSEMI-VBMB16R02 Datasheet
1Mb / 12P
Power MOSFET
VBMB16R02 VBSEMI-VBMB16R02 Datasheet
1Mb / 12P
Power MOSFET
VBMB16R02S VBSEMI-VBMB16R02S Datasheet
1Mb / 12P
N-Channel 600V(D-S) Super Junction Power MOSFET
VBMB16R04 VBSEMI-VBMB16R04 Datasheet
825Kb / 11P
N-Channel 600V (D-S)Power MOSFET
More results

Similar Description - VBMB16R06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBE16R02S VBSEMI-VBE16R02S Datasheet
1Mb / 12P
N-Channel 600V(D-S) Super Junction Power MOSFET
VBE16R05S VBSEMI-VBE16R05S Datasheet
1Mb / 12P
N-Channel 600V(D-S) Super Junction Power MOSFET
VBE16R07S VBSEMI-VBE16R07S Datasheet
916Kb / 11P
N-Channel 600V(D-S) Super Junction Power MOSFET
VBE16R08 VBSEMI-VBE16R08 Datasheet
922Kb / 11P
N-Channel 600V(D-S) Super Junction Power MOSFET
VBE16R10 VBSEMI-VBE16R10 Datasheet
815Kb / 10P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBE16R10S VBSEMI-VBE16R10S Datasheet
899Kb / 11P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBM16R07 VBSEMI-VBM16R07 Datasheet
913Kb / 11P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBM16R11 VBSEMI-VBM16R11 Datasheet
809Kb / 10P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBM16R15 VBSEMI-VBM16R15 Datasheet
796Kb / 9P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBM16R18 VBSEMI-VBM16R18 Datasheet
811Kb / 9P
N-Channel 600V (D-S) Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com