Electronic Components Datasheet Search
  English  ▼

X  

VBMB16R06 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBMB16R06
Description  N-Channel 600V (D-S) Super Junction Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB16R06 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBMB16R06 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBMB16R06 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Notes
a. Coss(er) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 % to 80 % VDSS.
b. Coss(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDSS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-AmbientRthJA
-63
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-0.6
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
6
00
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
Reference to 25 °C, ID = 1 mA
-0.65
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
2
-
4
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
VGS = ± 30 V
-
-
± 1
μA
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
-
-
1
μA
VDS = 520 V, VGS = 0 V, TJ = 125 °C
-
-
10
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 4 A
-
0.8
Ω
Forward Transconductance
gfs
VDS = 30 V, ID = 4 A
-
-S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
-
-
pF
Output Capacitance
Coss
--
Reverse Transfer Capacitance
Crss
--
Effective Output Capacitance, Energy
Related a
Co(er)
VDS = 0 V to 520 V, VGS = 0 V
-
-
Effective Output Capacitance, Time
Related b
Co(tr)
-
-
Total Gate Charge
Qg
VGS = 10 V
ID = 4 A, VDS = 520 V
-
nC
Gate-Source Charge
Qgs
-
-
Gate-Drain Charge
Qgd
-
Turn-On Delay Time
td(on)
VDD = 520 V, ID = 4 A,
VGS = 10 V, Rg = 9.1
Ω
-
ns
Rise Time
tr
-
Turn-Off Delay Time
td(off)
-
Fall Time
tf
-
Gate Input Resistance
Rg
f = 1 MHz, open drain
-
3.5
-
Ω
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
A
Pulsed Diode Forward Current
ISM
--
Diode Forward Voltage
VSD
TJ = 25 °C, IS = 4 A, VGS = 0 V
-
-
1.5
V
Reverse Recovery Time
trr
TJ = 25 °C, IF = IS = 4 A,
dI/dt = 100 A/μs, VR = 400 V
-
190
-
ns
Reverse Recovery Charge
Qrr
-
2.3
-
μC
Reverse Recovery Current
IRRM
-
-
A
S
D
G
-
12
-
45
62
25
2.0
2.7
-
-
-
-
25
55
70
40
7
18
10
www.VBsemi.com
VBM16R06 / VBMB16R06
VBE16R06 / VBFB16R06
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com