Electronic Components Datasheet Search
  English  ▼

X  

BLF2047L Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF2047L
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2047L Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF2047L Datasheet HTML 4Page - NXP Semiconductors BLF2047L Datasheet HTML 5Page - NXP Semiconductors BLF2047L Datasheet HTML 6Page - NXP Semiconductors BLF2047L Datasheet HTML 7Page - NXP Semiconductors BLF2047L Datasheet HTML 8Page - NXP Semiconductors BLF2047L Datasheet HTML 9Page - NXP Semiconductors BLF2047L Datasheet HTML 10Page - NXP Semiconductors BLF2047L Datasheet HTML 11Page - NXP Semiconductors BLF2047L Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 Dec 06
8
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2047L
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT502A
99-06-07
99-10-13
0
5
10 mm
scale
Flanged LDMOST package; 2 mounting holes; 2 leads
SOT502A
p
L
A
F
b
D
U2
H
Q
c
1
3
2
D1
E
A
C
q
U1
C
B
E1
M
M
w2
UNIT
A
mm
D
b
12.83
12.57
0.15
0.08
20.02
19.61
9.53
9.25
19.94
18.92
9.91
9.65
4.72
3.99
c
U2
0.25
0.51
27.94
qw2
w1
F
1.14
0.89
U1
34.16
33.91
L
5.33
4.32
p
3.38
3.12
Q
1.70
1.45
EE1
9.50
9.30
inches
0.505
0.495
0.006
0.003
0.788
0.772
D1
19.96
19.66
0.786
0.774
0.375
0.364
0.785
0.745
0.390
0.380
0.186
0.157
0.01
0.02
1.100
0.045
0.035
1.345
1.335
0.210
0.170
0.133
0.123
0.067
0.057
0.374
0.366
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
w1
AB
M
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com