Electronic Components Datasheet Search
  English  ▼

X  

BLF2047L Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF2047L
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2047L Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF2047L Datasheet HTML 1Page - NXP Semiconductors BLF2047L Datasheet HTML 2Page - NXP Semiconductors BLF2047L Datasheet HTML 3Page - NXP Semiconductors BLF2047L Datasheet HTML 4Page - NXP Semiconductors BLF2047L Datasheet HTML 5Page - NXP Semiconductors BLF2047L Datasheet HTML 6Page - NXP Semiconductors BLF2047L Datasheet HTML 7Page - NXP Semiconductors BLF2047L Datasheet HTML 8Page - NXP Semiconductors BLF2047L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Dec 06
3
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2047L
THERMAL CHARACTERISTICS
Note
1. Determined under specified RF operating conditions.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
APPLICATION INFORMATION
RF performance in a common source class-AB circuit. Th =25 °C; Rth j-h = 1.15 K/W, unless otherwise specified.
Ruggedness in class-AB operation
The BLF2047L is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under
the following conditions: VDS = 26 V; IDQ = 350 mA; PL = 65 W; f = 2000 MHz.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-h
thermal resistance from junction to
heatsink
Th =25 °C, Ptot = 152 W, note 1
1.15
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = 1.4 mA
65
−−
V
VGSth
gate-source threshold voltage
VDS = 10 V; ID = 140 mA
1.5
−
3.5
V
IDSS
drain-source leakage current
VGS = 0; VDS =26V
−−
10
µA
IDSX
on-state drain current
VGS =VGS th +9V; VDS =10V
18
−−
A
IGSS
gate leakage current
VGS = ±15 V; VDS =0
−−
250
nA
gfs
forward transconductance
VDS = 10 V; ID =5A
−
4
−
S
RDSon
drain-source on-state resistance
VGS =VGS th +9V; ID =5A
−
0.17
−Ω
Crss
feedback capacitance
VGS = 0; VDS = 26 V; f = 1 MHz
−
3.4
−
pF
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(mA)
PL
(W)
Gp
(dB)
ηD
(%)
dim
(dBc)
Two-tone, class-AB
f1 = 2000; f2 = 2000.1
26
350
65 (PEP)
>10.5
>30
≤−25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com