Electronic Components Datasheet Search
  English  ▼

X  

S29GL128M Datasheet(PDF) 49 Page - SPANSION

Part # S29GL128M
Description  256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL128M Datasheet(HTML) 49 Page - SPANSION

Back Button S29GL128M Datasheet HTML 45Page - SPANSION S29GL128M Datasheet HTML 46Page - SPANSION S29GL128M Datasheet HTML 47Page - SPANSION S29GL128M Datasheet HTML 48Page - SPANSION S29GL128M Datasheet HTML 49Page - SPANSION S29GL128M Datasheet HTML 50Page - SPANSION S29GL128M Datasheet HTML 51Page - SPANSION S29GL128M Datasheet HTML 52Page - SPANSION S29GL128M Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
October 10, 2006 S29GL-M_00_B6
S29GL-M MirrorBitTM Flash Family
47
Data
Sheet
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector group protection
verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for pro-
gramming equipment to automatically match a device to be programmed with its corresponding
programming algorithm. However, the autoselect codes can also be accessed in-system through
the command register.
When using programming equipment, the autoselect mode requires VID on address pin A9. Ad-
dress pins A6, A3, A2, A1, and A0 must be as shown in Table 17. In addition, when verifying sector
protection, the sector address must appear on the appropriate highest order address bits (see
Table 6 through Table 16). Table 17 shows the remaining address bits that are don’t care. When
all necessary bits are set as required, the programming equipment may then read the corre-
sponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host system can issue the autoselect command via
the command register, as shown in Table 34 and Table 35. This method does not require VID. See
Autoselect Command Sequence for more information.
Legend: L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Table 17. Autoselect Codes, (High Voltage Method)
Description
CE# OE# WE# A22 to
A15
A1
4
to
A1
0
A9
A
8
to
A
7
A
6
A
5
to
A
4
A
3
to
A
2
A
1
A
0
DQ8 to DQ15
DQ7 to DQ0
Model Number
BYTE#
= VIH
BYTE#
= VIL
R0 R1, R2,
R8, R9
R3,R4
R5, R6,
R7
Manufacturer ID:
Spansion Products
LL
H
X
X
VI
D
XL XL
L
L
00
X
01
h
01h
01h
01h
Cycle 1
LL
H
X
X
VI
D
XL X
LL H
22
X
7Eh
Cycle 2
H H L
22
X
12h
Cycle 3
H H H
22
X
01h
Cycle 1
LL
H
X
X
VI
D
XL X
LL H
22
X
7Eh
Cycle 2
H H L
22
X
12h
Cycle 3
H H H
22
X
00h
Cycle 1
LL
H
X
X
VI
D
XL X
LL H
22
X
7E
h
7Eh
7Eh
7Eh
Cycle 2
HH L
22
X
13
h
0Ch
10h
13h
Cycle 3
HH H
22
X
00
h
01h
00h (-R4,
bottom boot)
01h (-R3,
top boot)
01h
Cycle 1
LL
H
X
X
VI
D
XL X
LL H
22
X
7E
h
7Eh
7Eh
7Eh
Cycle 2
HH L
22
X
1C
h
1Dh
1Ah
1Ah
Cycle 3
HH H
22
X
00
h
00h
00h (-R4,
bottom boot)
01h (-R3,
top boot)
Sector Group
Protection
Verification
LL
H
SA
X
VI
D
XL XL H L
X
X
01h (protected),
00h (unprotected)
Secured Silicon
Sector Indicator
Bit (DQ7), WP#
protects highest
address sector
LL
H
X
X
VI
D
XL XL H H
X
X
98h (factory locked),
18h (not factory locked)
Secured Silicon
Sector Indicator
Bit (DQ7), WP#
protects lowest
address sector
LL
H
X
X
VI
D
XL XL H H
X
X
88h (factory locked),
08h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com