Electronic Components Datasheet Search
  English  ▼

X  

S29GL-P Datasheet(PDF) 39 Page - SPANSION

Part # S29GL-P
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL-P Datasheet(HTML) 39 Page - SPANSION

Back Button S29GL-P Datasheet HTML 35Page - SPANSION S29GL-P Datasheet HTML 36Page - SPANSION S29GL-P Datasheet HTML 37Page - SPANSION S29GL-P Datasheet HTML 38Page - SPANSION S29GL-P Datasheet HTML 39Page - SPANSION S29GL-P Datasheet HTML 40Page - SPANSION S29GL-P Datasheet HTML 41Page - SPANSION S29GL-P Datasheet HTML 42Page - SPANSION S29GL-P Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
November 21, 2006 S29GL-P_00_A3
S29GL-P MirrorBit
TM Flash Family
37
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
8.
Advanced Sector Protection/Unprotection
The Advanced Sector Protection/Unprotection feature disables or enables programming or erase operations
in any or all sectors and can be implemented through software and/or hardware methods, which are
independent of each other. This section describes the various methods of protecting data stored in the
memory array. An overview of these methods in shown in Figure 8.1.
Figure 8.1 Advanced Sector Protection/Unprotection
Hardware Methods
Software Methods
WP#/ACC = VIL
(Highest or Lowest
Sector Locked)
Password Method
(DQ2)
Persistent Method
(DQ1)
Lock Register
(One Time Programmable)
PPB Lock Bit
1,2,3
64-bit Password
(One Time Protect)
1 = PPBs Unlocked
0 = PPBs Locked
Memory Array
Sector 0
Sector 1
Sector 2
Sector N-2
Sector N-1
Sector N
3
PPB 0
PPB 1
PPB 2
PPB N-2
PPB N-1
PPB N
Persistent
Protection Bit
(PPB)
4,5
DYB 0
DYB 1
DYB 2
DYB N-2
DYB N-1
DYB N
Dynamic
Protection Bit
(DYB)
6,7,8
6. 0 = Sector Protected,
1 = Sector Unprotected.
7. Protect effective only if PPB Lock Bit is
unlocked and corresponding PPB is “1”
(unprotected).
8. Volatile Bits: defaults to user choice upon
power-up (see ordering options).
4. 0 = Sector Protected,
1 = Sector Unprotected.
5. PPBs programmed individually,
but cleared collectively
1. Bit is volatile, and defaults to “1” on reset.
2. Programming to “0” locks all PPBs to their
current state.
3. Once programmed to “0”, requires hardware
reset to unlock.
3. N = Highest Address Sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com