Electronic Components Datasheet Search
  English  ▼

X  

S29GL-P Datasheet(PDF) 25 Page - SPANSION

Part # S29GL-P
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL-P Datasheet(HTML) 25 Page - SPANSION

Back Button S29GL-P Datasheet HTML 21Page - SPANSION S29GL-P Datasheet HTML 22Page - SPANSION S29GL-P Datasheet HTML 23Page - SPANSION S29GL-P Datasheet HTML 24Page - SPANSION S29GL-P Datasheet HTML 25Page - SPANSION S29GL-P Datasheet HTML 26Page - SPANSION S29GL-P Datasheet HTML 27Page - SPANSION S29GL-P Datasheet HTML 28Page - SPANSION S29GL-P Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
November 21, 2006 S29GL-P_00_A3
S29GL-P MirrorBit
TM Flash Family
23
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
Software Functions and Sample Code
Notes
1. Base = Base Address.
2. Last = Last cycle of write buffer program operation; depending on number of words written, the total number of cycles may be from 6 to
37.
3. For maximum efficiency, it is recommended that the write buffer be loaded with the highest number of words (N words) possible.
The following is a C source code example of using the write buffer program function. Refer to the Spansion
Low Level Driver User’s Guide (available on www.spansion.com) for general information on Spansion Flash
memory software development guidelines.
/* Example: Write Buffer Programming Command
*/
/* NOTES: Write buffer programming limited to 16 words. */
/*
All addresses to be written to the flash in
*/
/*
one operation must be within the same flash
*/
/*
page. A flash page begins at addresses
*/
/*
evenly divisible by 0x20.
*/
UINT16 *src = source_of_data;
/* address of source data
*/
UINT16 *dst = destination_of_data;
/* flash destination address
*/
UINT16 wc
= words_to_program -1;
/* word count (minus 1)
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)sector_address )
= 0x0025;
/* write write buffer load command */
*( (UINT16 *)sector_address )
= wc;
/* write word count (minus 1)
*/
loop:
*dst = *src; /* ALL dst MUST BE SAME PAGE */ /* write source data to destination */
dst++;
/* increment destination pointer
*/
src++;
/* increment source pointer
*/
if (wc == 0) goto confirm
/* done when word count equals zero */
wc--;
/* decrement word count
*/
goto loop;
/* do it again
*/
confirm:
*( (UINT16 *)sector_address )
= 0x0029;
/* write confirm command
*/
/* poll for completion */
/* Example: Write Buffer Abort Reset */
*( (UINT16 *)addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)addr + 0x555 ) = 0x00F0;
/* write buffer abort reset
*/
Table 7.7 Write Buffer Program
(LLD Functions Used = lld_WriteToBufferCmd, lld_ProgramBufferToFlashCmd)
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Unlock
Write
Base + AAAh
Base + 555h
00AAh
2
Unlock
Write
Base + 555h
Base + 2AAh
0055h
3
Write Buffer Load Command
Write
Sector Address
0025h
4
Write Word Count
Write
Sector Address
Word Count (N–1)h
Number of words (N) loaded into the write buffer can be from 1 to 32 words (1 to 64 bytes).
5 to 36
Load Buffer Word N
Write
Program Address, Word N
Word N
Last
Write Buffer to Flash
Write
Sector Address
0029h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com