Electronic Components Datasheet Search
  English  ▼

X  

BLF225 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF225
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF225 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF225 Datasheet HTML 4Page - NXP Semiconductors BLF225 Datasheet HTML 5Page - NXP Semiconductors BLF225 Datasheet HTML 6Page - NXP Semiconductors BLF225 Datasheet HTML 7Page - NXP Semiconductors BLF225 Datasheet HTML 8Page - NXP Semiconductors BLF225 Datasheet HTML 9Page - NXP Semiconductors BLF225 Datasheet HTML 10Page - NXP Semiconductors BLF225 Datasheet HTML 11Page - NXP Semiconductors BLF225 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
September 1992
8
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF225
List of components (class-B test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with epoxy fibre-glass dielectric (
εr = 4.5),
thickness 1
⁄16 inch.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1
film dielectric trimmer
4 to 40 pF
2222 809 07008
C2, C10
film dielectric trimmer
5 to 60 pF
2222 809 07011
C3
multilayer ceramic chip capacitor
(note 1)
100 pF, 500 V
C4
ceramic chip capacitor
100 nF, 50 V
2222 852 47104
C5
multilayer ceramic chip capacitor
(note 1)
680 pF, 500 V
C6
electrolytic capacitor
10
µF, 63 V
2222 030 38109
C7
polyester capacitor
100 nF, 250 V
C8
multilayer ceramic chip capacitor
(note 1)
43 pF, 500 V
C9
film dielectric trimmer
7 to 100 pF
2222 809 07015
L1
3 turns enamelled 0.5 mm copper
wire
18 nH
length 3.3 mm
int. dia. 2 mm
leads 2
× 5mm
L2, L3
stripline (note 2)
31
Ω
12
× 6mm
L4
3 turns enamelled 1.5 mm copper
wire
28 nH
length 8.2 mm
int. dia. 4 mm
leads 2
× 5mm
L5
grade 3B Ferroxcube RF choke
4312 020 36642
L6
1 turn enamelled 1.5 mm copper
wire
36 nH
length 4 mm
int. dia. 3.5 mm
leads 2
× 5mm
R1
0.4 W metal film resistor
1 k
Ω
2322 151 51002
R2
0.4 W metal film resistor
1 M
Ω
2322 151 51005
R3
10 turns cermet potentiometer
5 k
Ω
R4
0.4 W metal film resistor
10
Ω
2322 151 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com