Electronic Components Datasheet Search
  English  ▼

X  

BLF225 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF225
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF225 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF225 Datasheet HTML 1Page - NXP Semiconductors BLF225 Datasheet HTML 2Page - NXP Semiconductors BLF225 Datasheet HTML 3Page - NXP Semiconductors BLF225 Datasheet HTML 4Page - NXP Semiconductors BLF225 Datasheet HTML 5Page - NXP Semiconductors BLF225 Datasheet HTML 6Page - NXP Semiconductors BLF225 Datasheet HTML 7Page - NXP Semiconductors BLF225 Datasheet HTML 8Page - NXP Semiconductors BLF225 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
September 1992
4
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF225
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = 30 mA
40
−−
V
IDSS
drain-source leakage current
VGS = 0; VDS = 12.5 V
−−
1mA
IGSS
gate-source leakage current
±VGS = 20 V; VDS = 0
−−
1
µA
VGS(th)
gate-source threshold voltage
ID = 30 mA; VDS = 10 V
2
−
4.5
V
gfs
forward transconductance
ID = 3.5 A; VDS = 10 V
1.5
2.2
−
S
RDS(on)
drain-source on-state resistance
ID = 3.5 A; VGS = 15 V
−
0.25
0.35
Ω
IDSX
on-state drain current
VGS = 15 V; VDS = 10 V
−
16
−
A
Cis
input capacitance
VGS = 0; VDS = 12.5 V; f = 1 MHz −
120
−
pF
Cos
output capacitance
VGS = 0; VDS = 12.5 V; f = 1 MHz −
140
−
pF
Crs
feedback capacitance
VGS = 0; VDS = 12.5 V; f = 1 MHz −
20
−
pF
Fig.4
Temperature coefficient of gate-source
voltage as a function of drain current, typical
values.
VDS =10V.
handbook, halfpage
6
−6
2
102
MEA741
101
1
ID (A)
10
−2
4
0
−4
T.C.
(mV/K)
Fig.5
Drain current as a function of gate-source
voltage, typical values.
VDS =10V.
handbook, halfpage
MRA244
0
5
10
15
20
0
510
ID
(A)
VGS (V)
15
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com