Electronic Components Datasheet Search
  English  ▼

X  

BLF242 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF242
Description  HF/VHF power MOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF242 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF242 Datasheet HTML 3Page - NXP Semiconductors BLF242 Datasheet HTML 4Page - NXP Semiconductors BLF242 Datasheet HTML 5Page - NXP Semiconductors BLF242 Datasheet HTML 6Page - NXP Semiconductors BLF242 Datasheet HTML 7Page - NXP Semiconductors BLF242 Datasheet HTML 8Page - NXP Semiconductors BLF242 Datasheet HTML 9Page - NXP Semiconductors BLF242 Datasheet HTML 10Page - NXP Semiconductors BLF242 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
September 1992
7
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF242
List of components (class-B test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with epoxy fibre-glass dielectric (
εr = 4.5),
thickness 1
⁄16 inch.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2, C7
film dielectric trimmer
4 to 40 pF
2222 809 08002
C3
multilayer ceramic chip capacitor
(note 1)
100 pF
C4, C8
ceramic chip capacitor
100 nF
2222 852 47104
C6
film dielectric trimmer
5 to 60 pF
2222 809 08003
C9
electrolytic capacitor
2.2
µF, 40 V
L1
5 turns enamelled 0.7 mm copper wire
53 nH
length 5.4 mm
int. dia. 3 mm
leads 2
× 5mm
L2, L3
stripline (note 2)
30
Ω
10
× 6mm
L4
11 turns enamelled 1 mm copper wire
500 nH
length 15.5 mm
int. dia. 8 mm
leads 2
× 5mm
L5
5 turns enamelled 1 mm copper wire
79 nH
length 9.1 mm
int. dia. 5 mm
leads 2
× 5mm
L6
grade 3B Ferroxcube RF choke
4312 020 36640
R1
0.5 W metal film resistor
47
Ω
R2
0.5 W metal film resistor
10
Ω
Fig.11 Test circuit for class-B operation.
f = 175 MHz.
handbook, full pagewidth
MGP145
input
50
Ω
C1
C3
C3
L6
R2
L1
L2
D.U.T.
L3
L5
+VG
L4
R1
C2
C7
C8
C9
+VD
C6
C5
output
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com