Electronic Components Datasheet Search
  English  ▼

X  

BLF242 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF242
Description  HF/VHF power MOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF242 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF242 Datasheet HTML 3Page - NXP Semiconductors BLF242 Datasheet HTML 4Page - NXP Semiconductors BLF242 Datasheet HTML 5Page - NXP Semiconductors BLF242 Datasheet HTML 6Page - NXP Semiconductors BLF242 Datasheet HTML 7Page - NXP Semiconductors BLF242 Datasheet HTML 8Page - NXP Semiconductors BLF242 Datasheet HTML 9Page - NXP Semiconductors BLF242 Datasheet HTML 10Page - NXP Semiconductors BLF242 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
September 1992
9
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF242
Fig.13 Input impedance as a function of frequency
(series components), typical values.
Class-B operation; VDS = 28 V; PL =30W;
RGS =47 Ω;Th =25 °C.
handbook, halfpage
0
50
10
30
−10
−30
200
MGP150
100
ri
xi
Zi
(
Ω)
f (MHz)
Fig.14 Load impedance as a function of frequency
(series components), typical values.
Class-B operation; VDS = 28 V; PL =30W;
RGS =47 Ω;Th =25 °C.
handbook, halfpage
0
200
100
0
MGP149
50
100
ZL
(
Ω)
f (MHz)
RL
XL
Fig.15 Power gain as a function of frequency,
typical values.
Class-B operation; VDS = 28 V; PL =30W;
RGS =47 Ω;Th =25 °C.
handbook, halfpage
0
200
20
0
MGP148
10
100
Gp
(dB)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com