Electronic Components Datasheet Search
  English  ▼

X  

ADP3031ARM Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3031ARM
Description  2 MHz PWM Boost Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3031ARM Datasheet(HTML) 4 Page - Analog Devices

  ADP3031ARM Datasheet HTML 1Page - Analog Devices ADP3031ARM Datasheet HTML 2Page - Analog Devices ADP3031ARM Datasheet HTML 3Page - Analog Devices ADP3031ARM Datasheet HTML 4Page - Analog Devices ADP3031ARM Datasheet HTML 5Page - Analog Devices ADP3031ARM Datasheet HTML 6Page - Analog Devices ADP3031ARM Datasheet HTML 7Page - Analog Devices ADP3031ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP3031
REV. PrB
–4–
PRELIMINARY TECHNICAL DATA
THEORY OF OPERATION
The ADP3031 is a boost converter driver which stores
energy from an input voltage in an inductor, and delivers
that energy, augmented by the input, to a load at a higher
output voltage. It includes a voltage reference and error
amplifier to compare some fraction of the load voltage to the
reference, and amplify any difference between them. The
amplified error signal is compared to a dynamic signal
produced by an internal ramp generator incorporating
switch current feedback. The comparator output timing sets
the duty ratio of a switch driving the inductor to maintain
the desired output voltage.
Referring to Figure 1, a typical application will power both
the IC and the inductor from the same input voltage. The
on chip MOSFET will be driven on, pulling pin SW close to
PGND. The resulting voltage across the inductor will cause
its current to increase aproximately linearly, with respect to
time.
When the MOSFET switch is turned off the inductor
current cannot drop to zero, and so this current drives the
SW node capacitance rapidly positive until the diode
becomes forward biased. The inductor current will now
begin to charge the load capacitor, causing a slight increase
in output voltage. Generally, the load capacitor is made
large enough that this increase is very small during the time
the switch is off. During this time inductor current is also
delivered to the load. In steady state operation, the inductor
current will exceed the load current, and the excess will be
what charges the load capacitor. The inductor current will
fall during this time, though not necessarily to zero.
During the next cycle, initiated by the on-chip oscillator, the
switch will again be turned on so that the inductor current
will be ramped back up. The charge on the load capacitor
will provide load current, during that interval. The remain-
der of the chip is arranged to control the duty ratio of the
switch, to maintain a chosen output voltage despite changes
in input voltage or load current.
The output voltage is scaled down by a resistor voltage
divider and presented to the g
m amplifier. This amplifier
operates on the difference between an on-chip reference and
the voltage at the FB pin so as to bring them to balance.
This will be when the output voltage equals the reference
voltage, multiplied by the resistor voltage divider ratio.
The g
m amplifier drives an internal comparator, which has at
its other input a positive going ramp produced by the
Oscillator and modified by the current sense amplifier. The
MOSFET switch is turned on as the modified ramp voltage
rises. When this voltage exceeds the output of the g
m
amplifier the comparator will turn off the switch, by reset-
ting the flip-flop, previously set by the oscillator. The output
of the flip-flop is buffered by a high current driver which
turned on the MOSFET switch at the beginning of the
Oscillator cycle.
In the steady state with constant load and input voltage, the
current in the inductor will cycle around some average
current level. The increasing ramp of current will depend on
input voltage and t1, the switch on-time, while the decreas-
ing ramp will depend on the difference between input and
output voltage and t2, the remainder of the cycle. In order
for the peaks of these two ramps to be equal and opposite to
maintain steady state we can say that t1*V
IN will equal
t2*(V
OUT-VIN), if we neglect the effect of resistance in the
inductor and switch, and the forward voltage drop of the
diode. From this equality we can derive t1/T=1-V
IN/VOUT,
where T is the period of a cycle, t1+t2. This result gives us
the switch duty ratio, t1/T in terms of the input and output
voltages.
In practice the duty ratio will need to be slightly higher than
this calculation. Because of series resistance in the inductor
and the switch, the voltage across the actual inductance is
somewhat less than applied V
IN, and the actual output
voltage is less than our aproximation by the amount of the
diode forward voltage drop. However, the feedback control
within the ADP3031 will adjust the duty ratio to maintain
the output voltage. Changes in load current and input
voltage are also accomodated by the feedback control.
Changes in load current alone require a change in duty
ratio, in order to change the average inductor current. But
once the inductor current adapts to the new load current,
the duty ratio should return to nearly its original value, as
we see from the duty cycle calculation which depends on
input and output voltages, but not on current. Increasing
the switch duty ratio initially reduces the output voltage,
until the average inductor current increases enough to offset
the reduction of the t2 interval. By limiting the duty ratio we
prevent this effect from regeneratively increasing the duty
ratio to 100%, which would cause the output to fall and the
switch current to rise without limit. The duty ratio is limited
to about 80% by the design of the Oscillator and an addi-
tional flip-flop reset.
A comparator compares the current sense amplifier output
to a factory set limit which resets the flip-flop, turning off
the switch. This prevents runaway or overload conditions
from damaging the switch and reflecting fault overloads
back to the input. Of course, the load is directly connected
to the input by way of the diode and inductor, so protection
against short circuited loads must be done at the power
input.
The g
m amplifier has high voltage gain, to insure the output
voltage accuracy and invariance with load and input voltage.
However, because it is a g
m amplifier with a specified
current response to input signal voltages, its high frequency
response can be controlled by the compensation impedance.
This permits the high frequency gain of the g
m amplifier to
be optimized for the best compromise between speed of
response and frequency stability.
The stable closed loop bandwidth of the system can be
extended by the current feedback shown. A signal represent-
ing the magnitude of the switch current is added to the
ramp. This dynamically reduces the duty ratio, as the
current in the inductor increases, until the g
m amplifier
restores it, improving the closed loop frequency stability.
The ADP3031 is intended to operate over a range of
frequencies, set by the RT pin. If the pin is open, the
oscillator runs at its lowest frequency: if the pin is



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com