Electronic Components Datasheet Search
  English  ▼

X  

ADP3031ARM Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3031ARM
Description  2 MHz PWM Boost Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3031ARM Datasheet(HTML) 7 Page - Analog Devices

  ADP3031ARM Datasheet HTML 1Page - Analog Devices ADP3031ARM Datasheet HTML 2Page - Analog Devices ADP3031ARM Datasheet HTML 3Page - Analog Devices ADP3031ARM Datasheet HTML 4Page - Analog Devices ADP3031ARM Datasheet HTML 5Page - Analog Devices ADP3031ARM Datasheet HTML 6Page - Analog Devices ADP3031ARM Datasheet HTML 7Page - Analog Devices ADP3031ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADP3031
REV. PrB
–7–
PRELIMINARY TECHNICAL DATA
Figure 3. Typical Application for TFT LCD
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
RM-8
8-Lead Mini/micro SOIC Package [Mini_SO]
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33
27
0.120 (3.05)
0.112 (2.84)
85
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
COMP
FB
SW
IN
RT
GND
SD
PGND
D7
BZX84C5V1
R5
200
Ω
D1
BAV99
D2
BAV99
D3
BAV99
D6
BAV99
D4 BAV99
D5
BAV99
C14
1
µ F
C13
1
µ F
C1
10
µ F
C15
100pF
R3
100k
Ω
ADP3031
R4
866k
Ω
VIN+
GND
L1
* FREQUENCY ADJUST
10
µ H
D8
1N5818
C8
10
µ F
C9
10
µ F
C10
10
µ F
D9
BZX84C22
R6
1k
Ω
C5
10nF
C6
10nF
C4
10nF
R2*
OUT+
C7
10
µ F
VGL
+VGH
R1
200k
Ω
GND
OPTIONAL
RTN-
SD
R7
10k
Ω
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com