Electronic Components Datasheet Search
  English  ▼

X  

BLF246 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF246
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF246 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF246 Datasheet HTML 3Page - NXP Semiconductors BLF246 Datasheet HTML 4Page - NXP Semiconductors BLF246 Datasheet HTML 5Page - NXP Semiconductors BLF246 Datasheet HTML 6Page - NXP Semiconductors BLF246 Datasheet HTML 7Page - NXP Semiconductors BLF246 Datasheet HTML 8Page - NXP Semiconductors BLF246 Datasheet HTML 9Page - NXP Semiconductors BLF246 Datasheet HTML 10Page - NXP Semiconductors BLF246 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1996 Oct 21
7
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF246
Fig.11 Test circuit for class-B operation at 108 MHz.
handbook, full pagewidth
MGG097
C10
C2
C3
C11
R1
C1
L1
L2
L3
C4
R2
L4
L6
L8
C14
R3
L7
L5
C6
C12
C13
C7
C8
C5
C9
VDS
output
50
Ω
input
50
Ω
VG
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com