Electronic Components Datasheet Search
  English  ▼

X  

BLF248 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF248
Description  VHF push-pull power MOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF248 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF248 Datasheet HTML 2Page - NXP Semiconductors BLF248 Datasheet HTML 3Page - NXP Semiconductors BLF248 Datasheet HTML 4Page - NXP Semiconductors BLF248 Datasheet HTML 5Page - NXP Semiconductors BLF248 Datasheet HTML 6Page - NXP Semiconductors BLF248 Datasheet HTML 7Page - NXP Semiconductors BLF248 Datasheet HTML 8Page - NXP Semiconductors BLF248 Datasheet HTML 9Page - NXP Semiconductors BLF248 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
September 1992
6
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF248
APPLICATION INFORMATION FOR CLASS-AB OPERATION
Th = 25 °C; Rth mb-h = 0.15 K/W, unless otherwise specified.
RF performance in a linear amplifier in a common source class-AB circuit.
RGS = 536 Ω per section; optimum load impedance per section = 0.79 − j0.11 Ω.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
GP
(dB)
η
D
(%)
class-AB
225
28
300
> 10
typ. 11.5
> 55
typ. 65
175
28
300
typ. 13
typ. 67
Ruggedness in class-AB operation
The BLF248 is capable of withstanding a load mismatch
corresponding to VSWR = 50 through all phases under the
following conditions:
VDS = 28 V; f = 225 MHz at rated output power.
Fig.9
Power gain and efficiency as functions of
load power, typical values.
Class-AB operation; VDS = 28 V; IDQ = 2 × 250 mA;
RGS = 536 Ω (per section); ZL = 0.79 − j0.11 Ω (per
section); f = 225 MHz.
handbook, halfpage
0
100
200
400
20
15
5
0
10
80
60
20
0
40
MGP209
300
PL (W)
Gp
(dB)
Gp
ηD
(%)
ηD
Th = 25 °C
25
°C
70
°C
70
°C
Fig.10 Load power as a function of input power,
typical values.
Class-AB operation; VDS = 28 V; IDQ = 2 × 250 mA;
RGS = 536 Ω (per section); ZL = 0.79 − j0.11 Ω (per
section); f = 225 MHz.
handbook, halfpage
010
20
40
400
300
100
0
200
MGP210
30
PL
(W)
PIN (W)
Th = 25 °C
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com