Electronic Components Datasheet Search
  English  ▼

X  

BLF346 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF346
Description  VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF346 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF346 Datasheet HTML 1Page - NXP Semiconductors BLF346 Datasheet HTML 2Page - NXP Semiconductors BLF346 Datasheet HTML 3Page - NXP Semiconductors BLF346 Datasheet HTML 4Page - NXP Semiconductors BLF346 Datasheet HTML 5Page - NXP Semiconductors BLF346 Datasheet HTML 6Page - NXP Semiconductors BLF346 Datasheet HTML 7Page - NXP Semiconductors BLF346 Datasheet HTML 8Page - NXP Semiconductors BLF346 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1996 Oct 02
5
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF346
Fig.6
Drain-source on-state resistance as a function
of junction temperature; typical values.
ID = 5 A; VGS =10V.
handbook, halfpage
0
340
280
220
160
30
150
MGG107
60
90
120
RDS on
(m
Ω)
Tj (°C)
Fig.7
Input and output capacitance as functions
of drain-source voltage; typical values.
VGS = 0; f = 1 MHz.
0
200
400
600
800
010
20
30
40
C
(pF)
C is
C os
(V)
VDS
MRA930
Fig.8
Feedback capacitance as a function of
drain-source voltage; typical values.
VGS = 0; f = 1 MHz.
handbook, halfpage
010
20
40
300
100
0
200
MGG108
30
VDS (V)
Crs
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com