Electronic Components Datasheet Search
  English  ▼

X  

BLF346 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF346
Description  VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF346 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF346 Datasheet HTML 1Page - NXP Semiconductors BLF346 Datasheet HTML 2Page - NXP Semiconductors BLF346 Datasheet HTML 3Page - NXP Semiconductors BLF346 Datasheet HTML 4Page - NXP Semiconductors BLF346 Datasheet HTML 5Page - NXP Semiconductors BLF346 Datasheet HTML 6Page - NXP Semiconductors BLF346 Datasheet HTML 7Page - NXP Semiconductors BLF346 Datasheet HTML 8Page - NXP Semiconductors BLF346 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1996 Oct 02
3
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF346
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDSS
drain-source voltage
−
65
V
VGSS
gate-source voltage
−±20
V
ID
DC drain current
−
13
A
Ptot
total power dissipation
up to Tmb =25 °C
−
130
W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to
mounting base
Tmb =25 °C; Ptot = 130 W
1.35
K/W
Rth mb-h
thermal resistance from mounting
base to heatsink
Tmb =25 °C; Ptot = 130 W
0.2
K/W
Fig.2 DC SOAR.
(1) Current is this area may be limited by RDSon.
(2) Tmb =25 °C.
handbook, halfpage
10−1
102
1
10
110
(1)
50
ID
(A)
VDS (V)
MRA931
(2)
Fig.3 Power derating curves.
(1) Continuous operation.
(2) Short-time operation during mismatch.
handbook, halfpage
0
50
100
150
200
150
50
0
100
MGG104
Ptot
(W)
Th (°C)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com