Electronic Components Datasheet Search
  English  ▼

X  

MABACT0051 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0051
Description  Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0051 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0051 Datasheet HTML 1Page - Tyco Electronics MABACT0051 Datasheet HTML 2Page - Tyco Electronics MABACT0051 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
M/A-COM Inc. and its affiliates reserve the right tomake changesto the
product(s) or informationcontainedherein without notice. M/A-COM makes
no warranty, representation or guarantee regardingthe suitability of its
products for any particular purpose, nor doesM/A-COM assume anyliability
whatsoever arising out of the use.
Broadband CATV 1:1 Transmission Line Transformer
50-1200MHz
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product info
V1
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range: 50-1200 MHz
Insertion Loss 1 (Through)
Pin 3 to pin 1
Test fixture loss -10.67dB
50 - 870 MHz
870 - 1002 MHz
1002 - 1200 MHz
dB
dB
dB
-
-
-
0.4
0.7
1.1
0.9
1.0
1.5
Insertion Loss 2 (Coupled)
Pin 2 to pin 1
Test fixture loss -10.67dB
50 - 870 MHz
870 - 1002 MHz
1002 - 1200 MHz
dB
dB
dB
-
-
-
0.4
0.3
0.4
0.7
0.8
0.9
Amplitude Balance
50 - 1002 MHz
1002 - 1200 MHz
dB
dB
-
-
± 0.2
± 0.3
± 0.7
± 0.8
Phase Balance
*
50 - 1002 MHz
1002 - 1200 MHz
°
°
-
-
± 1.0
± 4.0
± 4.0
± 8.0
Input Return Loss
*
50 - 500 MHz
500 - 1002 MHz
1002 - 1200 MHz
dB
dB
dB
18
17.5
11
24
24
15
-
-
-
Electrical Specifications @ 25
°C, 75 Ohm
* Monitored during production tune/test
SM-118A Case Style
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
MABACT0051
Features
• SMT unit
• 1:1 impedance
• Available on tape & reel, reel qty. 900
• Excellent temperature stability
• All wires soldered to substrate using
HMP solder
Description
M/A-COM’s MABACT0051 is a low cost SMT
1:1 Transmission line transformer designed for
high volume CATV Broadband applications.
Suitable for use in 50 Ohm and 75 Ohm
systems


Similar Part No. - MABACT0051

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0055 MACOM-MABACT0055 Datasheet
97Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer
MABACT0056 MACOM-MABACT0056 Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0056TR MACOM-MABACT0056TR Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
More results

Similar Description - MABACT0051

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007731-CT1980 MACOM-MABA-007731-CT1980 Datasheet
112Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABACT0069 MACOM-MABACT0069 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
MABACT0055 MACOM-MABACT0055 Datasheet
97Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer
MABACT0060 MACOM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0043 MACOM-MABACT0043 Datasheet
161Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABACT0060 MA-COM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0069 MA-COM-MABACT0069 Datasheet
72Kb / 3P
1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
MABA-007681-CT2010 MA-COM-MABA-007681-CT2010 Datasheet
108Kb / 3P
2:1 Transmission Line Balun Transformer 5 - 1200MHz
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABA-011031 MA-COM-MABA-011031 Datasheet
658Kb / 5P
Transformer, 1:1 Transmission Line 5MHz - 1200MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com