Electronic Components Datasheet Search
  English  ▼

X  

MABACT0051 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABACT0051
Description  Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0051 Datasheet(HTML) 2 Page - Tyco Electronics

  MABACT0051 Datasheet HTML 1Page - Tyco Electronics MABACT0051 Datasheet HTML 2Page - Tyco Electronics MABACT0051 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
M/A-COM Inc. and its affiliates reserve the right tomake changesto the
product(s) or informationcontainedherein without notice. M/A-COM makes
no warranty, representation or guarantee regardingthe suitability of its
products for any particular purpose, nor doesM/A-COM assume anyliability
whatsoever arising out of the use.
Broadband CATV 1:1 Transmission Line Transformer
50-1200MHz
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product info
V1
Function
Pin Number
Primary Dot (input)
1
Primary (ground)
4
Secondary Dot (o/p
coupled)
2
Secondary (o/p
through)
3
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating/Storage
Temperature
-40
° C to +85° C
Absolute Maximum Ratings
1
Pin Configuration
1 Exceeding one or a combination of these settings may cause permanent damage to the unit
Schematic
MABACT0051



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com