Electronic Components Datasheet Search
  English  ▼

X  

S30MS-P Datasheet(PDF) 13 Page - SPANSION

Part # S30MS-P
Description  1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S30MS-P Datasheet(HTML) 13 Page - SPANSION

Back Button S30MS-P Datasheet HTML 9Page - SPANSION S30MS-P Datasheet HTML 10Page - SPANSION S30MS-P Datasheet HTML 11Page - SPANSION S30MS-P Datasheet HTML 12Page - SPANSION S30MS-P Datasheet HTML 13Page - SPANSION S30MS-P Datasheet HTML 14Page - SPANSION S30MS-P Datasheet HTML 15Page - SPANSION S30MS-P Datasheet HTML 16Page - SPANSION S30MS-P Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
August 4, 2006 S30MS-P_00_A7
S30MS-P ORNANDTM Flash Family
11
Da ta
Shee t
(Prelim i nar y )
7.
Ordering Information
The order number is formed by a valid combinations of the following:
7.1
Valid Combinations
Valid Combination list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Type 0 is standard. Specify other options as required.
2. See the MCP ORNAND data sheet for further package details.
3. Model Numbers 50 and 51 must use 2-bit detection, 1-bit correction for applications that require 100% error-free read performance.
4. Model Numbers 50 and 51 may have up to 2% invalid blocks.
5. Model Numbers 50 and 51 have a boot block (Block 0 is valid upon shipment and error-free through 1000 cycles).
S30MS
01G
P
25
B
F
W
00
2
Packing Type
0= Tray
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
Model Number (3) (4)
00 = x8; ECC-Free
01 = x16; ECC-Free
50 = x8; ECC-Required with Boot Block
51 = x16; ECC-Required with Boot Block
Temperature Range
W = Wireless (–25°C to +85°C)
Package Material Set
A = Standard
F
= Pb-Free
Package Type
T
= Thin Small Outline Package
B = Ball-Grid Array Package
Speed Option Serial Read Access Time
25 = 25 ns
Process Technology
P = 90 nm MirrorBit™ Technology
Flash Density
01G= 1Gb
512= 512Mb
Product Family
S30MS = 1.8 volt -only, NAND Interface Flash Memory
Valid Combinations
Base Ordering
Part Number
Speed
Option
Package Type, Material,
and Temperature Range
Model
Number
Packing
Type
Package
Type
S30MS01GP
S30MS512P
25
BAW, BFW
00, 01,
50, 51
0, 3
(Note 1)
137-Ball FBGA
TAW, TFW
TSOP-48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com