Electronic Components Datasheet Search
  English  ▼

X  

BLF404 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF404
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF404 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF404 Datasheet HTML 6Page - NXP Semiconductors BLF404 Datasheet HTML 7Page - NXP Semiconductors BLF404 Datasheet HTML 8Page - NXP Semiconductors BLF404 Datasheet HTML 9Page - NXP Semiconductors BLF404 Datasheet HTML 10Page - NXP Semiconductors BLF404 Datasheet HTML 11Page - NXP Semiconductors BLF404 Datasheet HTML 12Page - NXP Semiconductors BLF404 Datasheet HTML 13Page - NXP Semiconductors BLF404 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 Jan 29
10
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF404
Fig.12 Input impedance as a function of frequency
(series components); typical values.
CW, class-AB operation; VDS = 12.5 V; ID = 50 mA;
PL = 4 W; Tmb ≤ 60 °C.
handbook, halfpage
0
200
400
600
8
6
2
0
4
MGM517
f (MHz)
ri
(
Ω)
0
−20
−60
−80
−40
xi
(
Ω)
xi
ri
Fig.13 Load impedance as a function of frequency
(series components); typical values.
CW, class-AB operation; VDS = 12.5 V; ID = 50 mA;
PL = 4 W; Tmb ≤ 60 °C.
handbook, halfpage
0
200
400
600
16
12
4
0
8
MGM518
f (MHz)
ZL
(
Ω)
RL
XL
Fig.14 Power gain as a function of frequency
(series components); typical values.
CW, class-AB operation; VDS = 12.5 V; IDQ =50mA;
PL = 4 W; Tmb ≤ 60 °C.
handbook, halfpage
0
200
400
600
30
20
10
0
MGM519
f (MHz)
Gp
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com