Electronic Components Datasheet Search
  English  ▼

X  

BLF404 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF404
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF404 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF404 Datasheet HTML 7Page - NXP Semiconductors BLF404 Datasheet HTML 8Page - NXP Semiconductors BLF404 Datasheet HTML 9Page - NXP Semiconductors BLF404 Datasheet HTML 10Page - NXP Semiconductors BLF404 Datasheet HTML 11Page - NXP Semiconductors BLF404 Datasheet HTML 12Page - NXP Semiconductors BLF404 Datasheet HTML 13Page - NXP Semiconductors BLF404 Datasheet HTML 14Page - NXP Semiconductors BLF404 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1998 Jan 29
11
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF404
MOUNTING RECOMMENDATIONS
Both the metallized groundplate and leads contribute to the heatflow. It is recommended that the transistor is mounted
on a grounded metallized area of a maximum thickness of 0.8 mm on the printed-circuit board, equipped with at least 12
(0.5 mm diameter) through metallized holes filled with solder.
A thermal resistance Rth(mb-h) of 5 K/W can be achieved if heatsink compound is applied when the transistor is mounted
on the printed-circuit board.
Fig.15 Reflow soldering footprint for SOT409A.
Dimensions in mm.
full pagewidth
MGK390
1.87 (2
×)
4.60
0.80 (2
×)
0.60 (4
×)
0.50 (12
×)
1.00 (8
×)
1.00 (9
×)
3.60
7.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com