Electronic Components Datasheet Search
  English  ▼

X  

P84C Datasheet(PDF) 3 Page - Norgren Ltd

Part # P84C
Description  P84C 3/2 Control Valve Excelon® Plus Modular System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

P84C Datasheet(HTML) 3 Page - Norgren Ltd

  P84C Datasheet HTML 1Page - Norgren Ltd P84C Datasheet HTML 2Page - Norgren Ltd P84C Datasheet HTML 3Page - Norgren Ltd P84C Datasheet HTML 4Page - Norgren Ltd P84C Datasheet HTML 5Page - Norgren Ltd P84C Datasheet HTML 6Page - Norgren Ltd P84C Datasheet HTML 7Page - Norgren Ltd P84C Datasheet HTML 8Page - Norgren Ltd P84C Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2020-9331a) © 2015 Norgren Ltd.
en 8.200.611.03
10/22
Light Emitting Seals ,15mm form C
Description
Model
Light Emitting Seals Circuit A (12 - 24 V d.c.)
V10037-E13
Light Emitting Seals Circuit B (110 - 120 V a.c.)
V10037-E18
Light Emitting Seals Circuit B (220 - 240 V a.c.) V10037-E19
Plug with with moulded cable and indicator
Voltage
Cable
length
(m)
Model
12 - 24 V a.c. / d.c
1
V10014-D01
12 - 24 V a.c. / d.c
3
V10014-D03
110 V a.c. / d.c.
1
V10015-D01
110 V a.c. / d.c.
3
V10015-D03
220 V a.c. / d.c
1
V10016-D01
220 V a.c. / d.c
3
V10016-D03
Plug with moulded cable
Description
Cable
length
(m)
Model
3 pin plug with
moulded cable
1
V10013-D01
3 pin plug with
moulded cable
3
V10013-D03
Plug with cable gland and indicator
Description
Model
Plug with cable gland and indicator 12-24 V a.c. / d.c.,
c/w LED / VDR
V10012-D13
Plug with cable gland and indicator 110 V a.c. / d.c.,
c/w LED / VDR
V10012-D18
Plug with cable gland and indicator 220 V a.c. / d.c.,
c/w LED / VDR
V10012-D19
M12 Adaptor Rear - MSUP
Valve Plug Form C 8MM
V13981-E01
M12 Adaptor Top - MSUP
Valve Plug Form C 8MM
V13980-E01
Plug with cable gland
V10027-D00
Accessories
Connection cable with plug,LED and M12 Female
Description
Cable
length
(m)
Model
PUR-Cable;M12/valve
typeCDINconnector
0,6
NC-DINCA-123MS-A
1
NC-DINCA-123MS-1
2
NC-DINCA-123MS-2
5
NC-DINCA-123MS-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com