Electronic Components Datasheet Search
  English  ▼

X  

P84C Datasheet(PDF) 4 Page - Norgren Ltd

Part # P84C
Description  P84C 3/2 Control Valve Excelon® Plus Modular System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

P84C Datasheet(HTML) 4 Page - Norgren Ltd

  P84C Datasheet HTML 1Page - Norgren Ltd P84C Datasheet HTML 2Page - Norgren Ltd P84C Datasheet HTML 3Page - Norgren Ltd P84C Datasheet HTML 4Page - Norgren Ltd P84C Datasheet HTML 5Page - Norgren Ltd P84C Datasheet HTML 6Page - Norgren Ltd P84C Datasheet HTML 7Page - Norgren Ltd P84C Datasheet HTML 8Page - Norgren Ltd P84C Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2020-9331a) © 2015 Norgren Ltd.
en 8.200.611.04
10/22
Accessories
Quikclamp®
Page 7
840014-51KIT
Quikclamp®
with bracket assembled
Page 7
840014-52KIT
Pressure sensing block
1/4 PTF
Page 7
840016-50KIT
Pressure sensing block
G1/4
Page 7
840016-51KIT
Port Adaptors
Page 8
1/4 PTF 840015-01KIT
3/8 PTF 840015-02KIT
1/2 PTF 840015-03KIT
3/4 PTF 840015-04KIT
G1/4
840015-09KIT
G3/8
840015-10KIT
G1/2
840015-11KIT
G3/4
840015-12KIT
Hybrid Quikclamp® *1
Page 7
840014-61
Hybrid Quikclamp® with
bracket assembled *1
Page 7
840014-62
Full flow porting block
3/4” PTF
Page 8
840028-50KIT
Full flow porting block
G3/4
Page 8
840028-53KIT
Full flow porting block
3/4” PTF
Page 8
840028-50KIT
Full flow porting block
G3/4
Page 8
840028-53KIT
*1) To connect new Excelon Plus to old Excelon 74/73 units. Having the same hole centres as 74 series mounting bracket.
A Quikclamp adds 13.6 mm to the overall width of a combination unit
Pressure switch interface
block (18D pressure switch)
G1/4
Page 8
0337717000000000
Electronic Pressure Sensor
– stand alone version *3
Q84G
Pressure switch 18D
(0,5 ... 8bar) *1
Page 8
0881300
Digital pressure switch
51D (-1 ... 10 bar) *2
Page 9
0860810
*1) Flanged version. For other pressure ranges, please see data sheet 5.11.001
*2) For other pressure ranges, please see data sheet 5.11.385
*3) Q84G stand alone electronic pressure sensor module
see http://s.norgren.com/digital-gauge-iodd for data-sheet 8.900.905.
Silencer
Heavy duty muffler, 1/2”
NPT male thread, brass
wire element
MB004A
Heavy duty muffler, R1/2
male thread, brass wire
element
MB004B
Voltage rating and spare coils
Voltage
Power
Replacement
24 V d.c.
1,2 W
840650-50KIT
110 V a.c.
1,5 VA
840650-51KIT
220 V a.c.
1,5 VA
840650-52KIT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com