Electronic Components Datasheet Search
  English  ▼

X  

BLF543 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF543
Description  UHF power MOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF543 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF543 Datasheet HTML 4Page - NXP Semiconductors BLF543 Datasheet HTML 5Page - NXP Semiconductors BLF543 Datasheet HTML 6Page - NXP Semiconductors BLF543 Datasheet HTML 7Page - NXP Semiconductors BLF543 Datasheet HTML 8Page - NXP Semiconductors BLF543 Datasheet HTML 9Page - NXP Semiconductors BLF543 Datasheet HTML 10Page - NXP Semiconductors BLF543 Datasheet HTML 11Page - NXP Semiconductors BLF543 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
October 1992
8
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF543
List of components (class-B test circuit at 500 MHz)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with glass microfibre reinforced PTFE (
ε
r = 2.2);
thickness 1
⁄32 inch.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C6, C9, C16
multilayer ceramic chip capacitor
(note 1)
390 pF
C2, C14
multilayer ceramic chip capacitor
(note 1)
7.5 pF
C3, C5, C13, C15
film dielectric trimmer
9 pF
2222 809 09002
C4
multilayer ceramic chip capacitor
(note 1)
20 pF
C7
multilayer ceramic chip capacitor
2
× 100 nF in
parallel, 50 V
2222 852 47104
C8, C10
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C11
aluminium electrolytic capacitor
10
µF, 63 V
2222 030 28109
C12
multilayer ceramic chip capacitor
(note 1)
22 pF
L1
1 turn enamelled 0.8 mm copper
wire
11 nH
int. dia. 4.7 mm
leads 2
× 5 mm
L2
stripline (note 2)
42.5
Ω
14.5
× 3 mm
L3, L4
stripline (note 2)
42.5
Ω
6
× 3 mm
L5
7 turns enamelled 1 mm copper
wire
124 nH
length 7.8 mm
int. dia. 4 mm
leads 2
× 5 mm
L6
grade 3B Ferroxcube RF choke
4312 020 36640
L7
stripline (note 2)
55.7
Ω
31
× 2 mm
L8
1 turn enamelled 1 mm copper wire 8 nH
int. dia. 3.2 mm
leads 2
× 5 mm
R1, R2
0.4 W metal film resistor
1 k
Ω
2322 151 71002
R3
10 turns cermet potentiometer
5 k
Ω
R4
0.4 W metal film resistor
19.6 k
Ω
2322 151 71963
R5
1 W metal film resistor
10
Ω
2322 153 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com