Electronic Components Datasheet Search
  English  ▼

X  

IDTCV115FPVG Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IDTCV115FPVG
Description  PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTCV115FPVG Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IDTCV115FPVG Datasheet HTML 9Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 10Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 11Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 12Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 13Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 14Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 15Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 16Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV115F
PROGRAMMABLEFLEXPC™ CLOCKFORP4PROCESSOR
13
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage
3.3V ± 5%
2
—
VDD + 0.3
V
VIL
Input LOW Voltage
3.3V ± 5%
VSS - 0.3
—
0.8
V
VIH_FS
FS Input HIGH Voltage
For FSA,B,C and Test_Mode
0.7
—
VDD + 0.3
V
VIL_FS
FS Input LOW Voltage
For FSA,B,C and Test_Mode
VSS - 0.3
—
0.35
V
IIL
Input LeakageCurrent
0< VIN < VDD, no internal pull-up or pull-down
–5
—
+5
μA
IDD3.3OP
Operating Supply Current
Full active, CL = full load
—
—
400
mA
IDD3.3PD
Powerdown Current
All differential pairs driven
—
—
70
mA
All differential pairs tri-stated
—
—
12
FI
Input Frequency(1)
VDD = 3.3V
—
14.31818
—
MHz
LPIN
Pin Inductance(2)
——
7
nH
CIN
Logic inputs
—
—
5
COUT
Input Capacitance(2)
Output pin capacitance
—
—
6
pF
CINX
XTAL_IN and XTAL_OUT pins
—
—
5
TSTAB
Clock Stabilization(2,3)
From VDD power-up or de-assertion of PD# to first clock
—
—
1.8
ms
Modulation Frequency(2)
Triangular modulation
30
—
33
KHz
TDRIVE_SRC(2)
SRC output enable after PCI_Stop# de-assertion
—
—
15
ns
TDRIVE_PD#(2)
CPU output enable after PD# de-assertion
—
—
300
us
TFALL_PD#(2)
Fall time of PD#
—
—
5
ns
TRISE_PD#(2)
Rise time of PD#
—
—
5
ns
TDRIVE_CPU_Stop#(2)
CPU output enable after CPU_Stop# de-assertion
—
—
10
us
TFALL_CPU_Stop#(2)
Fall time of PD#
—
—
5
ns
TRISE_CPU_Stop#(2)
Rise time of PD#
—
—
5
ns
ELECTRICAL CHARACTERISTICS - INPUT / SUPPLY / COMMON OUTPUT
PARAMETERS
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, Supply Voltage: VDD = 3.3V ± 5%
NOTES:
1.
Input frequency should be measured at the REF output pin and tuned to ideal 14.31818MHz to meet ppm frequency accuracy on PLL outputs.
2.
This parameter is guaranteed by design, but not 100% production tested.
3.
See TIMING DIAGRAMS for timing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com