Electronic Components Datasheet Search
  English  ▼

X  

IDTCV115FPVG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IDTCV115FPVG
Description  PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTCV115FPVG Datasheet(HTML) 2 Page - Renesas Technology Corp

  IDTCV115FPVG Datasheet HTML 1Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 2Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 3Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 4Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 5Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 6Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 7Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 8Page - Renesas Technology Corp IDTCV115FPVG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
COMMERCIALTEMPERATURERANGE
2
IDTCV115F
PROGRAMMABLEFLEXPC™CLOCKFORP4PROCESSOR
PIN CONFIGURATION
SSOP
TOP VIEW
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PCI1
PCI0
FS_A
REF0
VSS_REF
XTAL_IN
XTAL_OUT
VDD_REF
SCL
SDA
CPUT0
CPUC0
VDD_CPU
CPUT1
CPUC1
IREF
FS_B/Test_Mode
CPU2_ITP/SRCT7
CPU2_ITP/SRCC7
VDD_SRC
SRCC6
SRCT5
SRCC5
VSS_SRC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VDD_PCI
VSS_PCI
PCI2
PCI3
PCI4
VSS_PCI
VDD_PCI
PCIF0/ITP_EN
PCIF1
VTT_PWRGD#/PWRDWN
VDD_48
USB48MHz
VSS_48
DOT_96
DOT_96#
PCIF2
SRCT1
SRCC1
VDD_SRC
SRCT2
SRCC2
SRCT3
SRCC3
SRCT4_SATA
VDD_SATA
SRCT6
VSS_SRC
VSS_SATA
SRCC4_SATA
VDD_suspend
VSS_CPU
FS_C/Test _Sel
HW FREQUENCY SELECTION TABLE
FSC, B, A
CPU
SRC4_SATA
SRC[3:1], SCR[7:5]
PCI
USB
DOT
REF
101
100
100
100
33.3
48
96
14.318
001
133
100
100
33.3
48
96
14.318
011
166
100
100
33.3
48
96
14.318
010
200
100
100
33.3
48
96
14.318
000
266
100
100
33.3
48
96
14.318
100
333
100
100
33.3
48
96
14.318
110
400
100
100
33.3
48
96
14.318
111
Reserve
100
100
33.3
48
96
14.318
ITP_EN
pin 38
pin 39
1
CPUC2_ITP
CPUT_ITP
0
SRCC7
SRCT7
ITP_EN
TEST MODE SELECT(1)
If TEST_SEL sampled above 2V at VTT_PWRGD active LOW
Pin38
(test_mode)
CPU
SRC
PCI/F
REF
DOT96
USB
1
REF/N
REF/N
REF/N
REF
REF/N
REF/N
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
NOTE:
1. Once test clock operation has been invoked, TEST_MODE pin will select between
the Hi-Z and REF/N.
Symbol
Description
Min
Max
Unit
VDDA
3.3V Core Supply Voltage
4.6
V
VDD
3.3V Logic Input Supply Voltage GND - 0.5
4.6
V
TSTG
Storage Temperature
–65
+150
° C
TAMBIENT
Ambient Operating Temperature
0
+70
° C
TCASE
Case Temperature
+115
° C
ESD Prot
Input ESD Protection
2000
V
Human Body Model
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com