Electronic Components Datasheet Search
  English  ▼

X  

IXFP3N120 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFP3N120
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP3N120 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFP3N120 Datasheet HTML 1Page - IXYS Corporation IXFP3N120 Datasheet HTML 2Page - IXYS Corporation IXFP3N120 Datasheet HTML 3Page - IXYS Corporation IXFP3N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2004 IXYS All rights reserved
DS99036B(07/04)
IXFA 3N120
IXFP 3N120
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
V
DS - V olts
V
GS = 10V
5V
6V
7V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
V
DS - V olts
V
GS = 10V
7V
5V
6V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
0.5
1
1.5
2
2.5
3
02
46
8
10
12
V
DS - V olts
V
GS = 10V
7V
5V
6V
Fig. 4. RDS(on) Normalized to ID25 Value vs.
Junction Temperature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
I
D = 3A
I
D = 1.5A
V
GS = 10V
Fig. 6. Drain Current vs. Case
Temperature
0
0.5
1
1.5
2
2.5
3
3.5
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 5. RDS(on) Normalized to ID25
Value vs. ID
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
0
1
23
45
67
I
D - A mperes
T
J = 125º C
T
J = 25º C
V
GS = 10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com