Electronic Components Datasheet Search
  English  ▼

X  

IXFP3N120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP3N120
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP3N120 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP3N120 Datasheet HTML 1Page - IXYS Corporation IXFP3N120 Datasheet HTML 2Page - IXYS Corporation IXFP3N120 Datasheet HTML 3Page - IXYS Corporation IXFP3N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2004 IXYS All rights reserved
DS99036B(07/04)
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1200
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1200
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C3
A
I
DM
T
C = 25°C, pulse width limited by TJM
12
A
I
AR
T
C = 25°C3
A
E
AR
T
C = 25°C
20
mJ
E
AS
700
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
10
V/ns
T
J ≤ 150°C, RG = 4.7 Ω
P
D
T
C = 25°C
200
W
T
J
-55 to +150
°C
T
JM
150
°C
T
stg
-55 to +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque (TO-220)
1.13/10 Nm/lb.in.
Weight
TO-220
4
g
TO-263
2
g
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, High dv/dt
Features
Low gate charge and capacitances
- easier to drive
- faster switching
International standard packages
Low R
DS (on)
Rated for unclamped Inductive load
Switching (UIS)
Molding epoxies meet UL 94 V-0
flammability classification
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
1200
V
V
GS(th)
V
DS = VGS, ID = 1.5 mA
2.5
5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
T
J
= 25
°C50
µA
V
GS = 0 V
T
J
= 125
°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
4.5
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
HiPerFETTM
Power MOSFETs
V
DSS
=1200 V
I
D25
=3 A
R
DS(on)
= 4.5
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 300 ns
Preliminary Data Sheet
G
S
TO-263 (IXFA)
G D
S
TO-220 (IXFP)
G = Gate
D
= Drain
S = Source
TAB = Drain
IXFA 3N120
IXFP 3N120
D (TAB)
D (TAB)


Similar Part No. - IXFP3N120

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFP3N120 ISC-IXFP3N120 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-26
More results

Similar Description - IXFP3N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
HiPerFET Power MOSFETs
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH24N50Q IXYS-IXFH24N50Q Datasheet
134Kb / 4P
HiPerFET Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com