Electronic Components Datasheet Search
  English  ▼

X  

NCE0125AI Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE0125AI
Description  NCE N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE0125AI Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE0125AI Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0125AI Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0125AI Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0125AI Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0125AI Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0125AI Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0125AI Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Co., Ltd
Page
v2.0
1
NCE0125AI
http://www.ncepower.com
NCE N-Channel Enhancement Mode Power MOSFET
Description
The NCE0125AI uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
●
VDS = 100V,ID =25A
RDS(ON) < 36mΩ @ VGS=10V (Typ:31 mΩ)
●
Special process technology for high ESD capability
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Good stability and uniformity with high EAS
●
Excellent package for good heat dissipation
Application
●
Power switching application
●
Hard switched and high frequency circuits
●
Uninterruptible power supply
100% UIS TESTED!
100% ΔVds TESTED!
Schematic diagram
Marking and pin assignment
TO-251 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE0125AI
NCE0125AI
TO-251-3L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Limit
Unit
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-Continuous
25
A
ID (100℃)
Drain Current-Continuous(TC=100℃)
17.6
A
IDM
Pulsed Drain Current
70
A
PD
Maximum Power Dissipation
70
W
Derating factor
0.5
W/℃
EAS
Single pulse avalanche energy (Note 5)
110
mJ
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 To 175
℃


Similar Part No. - NCE0125AI

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE0125AK NCEPOWER-NCE0125AK Datasheet
599Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V2.0
More results

Similar Description - NCE0125AI

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com