Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 11 Page - Pico Technology Ltd.

Part # 3000
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3000 Datasheet(HTML) 11 Page - Pico Technology Ltd.

Back Button 3000 Datasheet HTML 7Page - Pico Technology Ltd. 3000 Datasheet HTML 8Page - Pico Technology Ltd. 3000 Datasheet HTML 9Page - Pico Technology Ltd. 3000 Datasheet HTML 10Page - Pico Technology Ltd. 3000 Datasheet HTML 11Page - Pico Technology Ltd. 3000 Datasheet HTML 12Page - Pico Technology Ltd. 3000 Datasheet HTML 13Page - Pico Technology Ltd. 3000 Datasheet HTML 14Page - Pico Technology Ltd. 3000 Datasheet HTML 15Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PicoScope 3000 Series
High-end features as standard
Buying a PicoScope is not like making a purchase
from other oscilloscope companies, where increased
functionality can considerably raise the price.
PicoScopes are all-inclusive instruments, with no need
for expensive upgrades to unlock the hardware. Other
advanced features such as resolution enhancement,
mask limit testing, serial decoding, advanced triggering,
automatic measurements, math channels (including the
ability to plot frequency and duty cycle against
time), XY mode and segmented
memory are all included
in the price.
SuperSpeed USB 3.0 connection
PicoScope 3000 Series oscilloscopes feature a USB 3.0 connection, providing
lightning-fast saving of waveforms while retaining compatibility with older USB
standards.
PicoSDK® supports continuous streaming to the host computer at up to
125 MS/s.
The USB connection not only allows
high-speed data acquisition and
transfer, but also makes printing,
copying, saving and emailing your
data from the field quick and easy.
High signal integrity
Careful front-end design and shielding reduce noise,
crosstalk and harmonic distortion, meaning we are proud
to publish the specifications of our scopes in detail.
Decades of oscilloscope design experience can be seen in
improved pulse response and bandwidth flatness, and low
distortion. PicoScope 3000 Series oscilloscopes feature 10
input ranges from ±20 mV to ±20 V full scale and a typical
dynamic performance of up to 52 dB SFDR. The result
is simple: when you probe a circuit, you can trust in the
waveform you see on the screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com