Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 24 Page - Pico Technology Ltd.

Part # 3000
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3000 Datasheet(HTML) 24 Page - Pico Technology Ltd.

Back Button 3000 Datasheet HTML 20Page - Pico Technology Ltd. 3000 Datasheet HTML 21Page - Pico Technology Ltd. 3000 Datasheet HTML 22Page - Pico Technology Ltd. 3000 Datasheet HTML 23Page - Pico Technology Ltd. 3000 Datasheet HTML 24Page - Pico Technology Ltd. 3000 Datasheet HTML 25Page - Pico Technology Ltd. 3000 Datasheet HTML 26Page - Pico Technology Ltd. 3000 Datasheet HTML 27Page - Pico Technology Ltd. 3000 Datasheet HTML 28Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
PicoScope 3000 Series
Common specifications
All PicoScope 3000 Series oscilloscopes
Function generator
Standard output signals
Sine, square, triangle, DC voltage, ramp up, ramp down, sinc, Gaussian, half-sine.
Pseudorandom output signals
White noise, selectable amplitude and offset within output voltage range.
Pseudorandom binary sequence (PRBS), selectable high and low levels within output voltage range, selectable bit rate up to 1 Mb/s
Standard signal frequency
0.03 Hz to 1 MHz
Sweep modes
Up, down, dual with selectable start/stop frequencies and increments
Triggering
Free-run, or from 1 to 1 billion counted waveform cycles or frequency sweeps. Triggered from scope trigger, external trigger (where
present) or manually.
Output frequency accuracy
As oscilloscope
Output frequency resolution
< 0.01 Hz
Output voltage range
±2 V
Output voltage adjustments
Signal amplitude and offset adjustable in approximately 1 mV steps within overall ±2 V range
Amplitude flatness
< 0.5 dB to 1 MHz, typical
DC accuracy
±1% of full scale
SFDR
> 60 dB, 10 kHz full scale sine wave, typical
Output impedance
600 Ω
Connector type
Front panel BNC (non-MSO models)
Rear panel BNC (MSO models)
Overvoltage protection
±20 V
Arbitrary waveform generator[2]
Update rate
20 MS/s
Buffer size
32 kS
Resolution
12 bits (output step size approximately 1 mV)
Bandwidth (–3 dB)
> 1 MHz
Rise time (10% to 90%)
< 120 ns
[2]
For additional AWG specifications, see Function generator specifications above.
Probe compensation pin
Output impedance
600 Ω
Output frequency
1 kHz
Output level
2 V peak to peak, typical
Spectrum analyzer
Frequency range
DC to maximum bandwidth of scope
Display modes
Magnitude, average, peak hold
Y axis
Logarithmic (dbV, dBu, dBm, arbitrary dB) or linear (volts)
X axis
Linear or logarithmic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com