Electronic Components Datasheet Search
  English  ▼

X  

6000E Datasheet(PDF) 7 Page - Pico Technology Ltd.

Part # 6000E
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

6000E Datasheet(HTML) 7 Page - Pico Technology Ltd.

Back Button 6000E Datasheet HTML 3Page - Pico Technology Ltd. 6000E Datasheet HTML 4Page - Pico Technology Ltd. 6000E Datasheet HTML 5Page - Pico Technology Ltd. 6000E Datasheet HTML 6Page - Pico Technology Ltd. 6000E Datasheet HTML 7Page - Pico Technology Ltd. 6000E Datasheet HTML 8Page - Pico Technology Ltd. 6000E Datasheet HTML 9Page - Pico Technology Ltd. 6000E Datasheet HTML 10Page - Pico Technology Ltd. 6000E Datasheet HTML 11Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
PicoScope® 6000E Series
PicoScope 6 software
The display can be as simple or as
advanced as you need. Begin with
a single view of one channel, and
then expand the display to include
any number of live channels, math
channels and reference waveforms.
Tools: Including
serial decoding,
reference
waveforms,
macro recorder,
alarms, mask
limit testing and
math channels.
Auto setup button:
Configures the collection
time and voltage range for
clear display of signals.
Waveform replay tools:
PicoScope 6 automatically
records up to 10 000 of the
most recent waveforms. You
can quickly scan through to
look for intermittent events,
or use the Buffer Navigator to
search visually.
Zoom and pan tools:
PicoScope 6 allows a
zoom factor of several
million, which is necessary
when working with the
ultra-deep memory of the
6000E Series scopes.
Signal generator:
Generates standard
signals or arbitrary
waveforms.
Includes frequency
sweep mode.
Ruler legend:
Absolute and
differential ruler
measurements
are listed here.
Rulers: Each
axis has two
rulers that can be
dragged across
the screen to
make quick
measurements
of amplitude,
time and
frequency.
Trigger toolbar: Quick
access to main controls,
with advanced triggers
in a pop-up window.
Oscilloscope controls:
Controls such as voltage
range, scope resolution,
channel enable, timebase
and memory depth.
Views:
PicoScope 6
is carefully
designed to
make the best
use of the
display area. You
can add new
scope, spectrum
and XY views
with automatic
or custom
layouts.
Properties
sheet: Shows
a summary of
the settings that
PicoScope is
using.
Movable axes: The
vertical axes can be
scaled and dragged up
or down. This feature
is particularly useful
when one waveform
is obscuring another.
There’s also an
Auto Arrange Axes
command.
Channel options:
Filtering, offset, resolution
enhancement, custom
probes and more.
Zoom overview: Click
and drag for quick
navigation in zoomed
views.
Trigger marker: Drag
the yellow diamond
to adjust trigger level
and pre-trigger time.
Automatic measurements: Display calculated measurements
for troubleshooting and analysis. You can add as many
measurements as you need on each view. Each measurement
includes statistical parameters showing its variability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com