Electronic Components Datasheet Search
  English  ▼

X  

PS008 Datasheet(PDF) 17 Page - Pico Technology Ltd.

Part # PS008
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PS008 Datasheet(HTML) 17 Page - Pico Technology Ltd.

Back Button PS008 Datasheet HTML 13Page - Pico Technology Ltd. PS008 Datasheet HTML 14Page - Pico Technology Ltd. PS008 Datasheet HTML 15Page - Pico Technology Ltd. PS008 Datasheet HTML 16Page - Pico Technology Ltd. PS008 Datasheet HTML 17Page - Pico Technology Ltd. PS008 Datasheet HTML 18Page - Pico Technology Ltd. PS008 Datasheet HTML 19Page - Pico Technology Ltd. PS008 Datasheet HTML 20Page - Pico Technology Ltd. PS008 Datasheet HTML 21Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
PicoScope® 4000A Series
PicoScope 4224A
PicoScope 4424A
PicoScope 4824A
Dynamic performance (typical)
Crosstalk (full bandwidth)
−76 dB
Harmonic distortion
< −60 dB, 10 mV range
< −70 dB, 20 mV and higher ranges
SFDR
> 60 dB, 20 mV and 10 mV ranges
> 70 dB, 50 mV and higher ranges
Noise
45 μV RMS on 10 mV range
Pulse response
< 1% overshoot
Bandwidth flatness
DC to full bandwidth (+0.2 dB, −3 dB)
Triggering
Source
All channels
Trigger modes
None, auto, repeat, single, rapid (segmented memory)
Trigger types
Rising or falling edge
Advanced trigger types
Simple edge, advanced edge, window, pulse width, interval, window pulse width, level dropout, window dropout, runt
Trigger sensitivity
Digital triggering provides 1 LSB accuracy up to full bandwidth
Pre-trigger capture
Up to 100% of capture size
Post-trigger delay
Zero to 4 billion samples (settable in 1 sample steps)
Trigger rearm time
< 3 μs on fastest timebase
Maximum trigger rate
Up to 10 000 waveforms in a 30 ms burst
Advanced digital trigger levels
All trigger levels, window levels and hysteresis values settable with 1 LSB resolution across input range
Advanced digital trigger time intervals
All time intervals settable with 1 sample resolution from 1 sample (minimum 12.5 ns) up to 4 billion sample intervals
Function generator
Standard output signals
Sine, square, triangle, DC voltage, ramp up, ramp down, sinc, Gaussian, half-sine.
Pseudorandom output signals
White noise, selectable amplitude and offset within output voltage range
Pseudorandom binary sequence (PRBS), selectable high and low levels within output voltage range, selectable bit rate up to
1 Mb/s
Standard signal frequency
0.03 Hz to 1 MHz
Output frequency accuracy
±20 ppm
Output frequency resolution
< 0.02 Hz
Sweep modes
Up, down, dual with selectable start/stop frequencies and increments
Triggering
You can trigger a counted number of waveform cycles or sweeps (from 1 to 1 billion) from the scope trigger or manually from
software.
Output voltage range
±2 V
Output voltage adjustment
Signal amplitude and offset are adjustable in approximately 300 µV steps, within an overall ±2 V range.
DC accuracy
±1% of full scale
Amplitude flatness
< 0.5 dB to 1 MHz, typical
SFDR
87 dB typical
Output resistance
600 Ω
Connector type
Rear-panel BNC
Overvoltage protection
±10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com