Electronic Components Datasheet Search
  English  ▼

X  

PS008 Datasheet(PDF) 18 Page - Pico Technology Ltd.

Part # PS008
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PS008 Datasheet(HTML) 18 Page - Pico Technology Ltd.

Back Button PS008 Datasheet HTML 13Page - Pico Technology Ltd. PS008 Datasheet HTML 14Page - Pico Technology Ltd. PS008 Datasheet HTML 15Page - Pico Technology Ltd. PS008 Datasheet HTML 16Page - Pico Technology Ltd. PS008 Datasheet HTML 17Page - Pico Technology Ltd. PS008 Datasheet HTML 18Page - Pico Technology Ltd. PS008 Datasheet HTML 19Page - Pico Technology Ltd. PS008 Datasheet HTML 20Page - Pico Technology Ltd. PS008 Datasheet HTML 21Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
PicoScope® 4000A Series
PicoScope 4224A
PicoScope 4424A
PicoScope 4824A
Arbitrary waveform generator
Update rate
80 MS/s
Buffer size
16 k samples
Vertical resolution
14 bits (output step size approximately 300 µV)
Bandwidth
1 MHz
Rise time (10% to 90%)
150 ns
Sweep modes, triggering, frequency accuracy and resolution, voltage range and accuracy and output characteristics as for function generator.
Spectrum analyzer
Frequency range
DC to 20 MHz
Display modes
Magnitude, average, peak hold
Y axis
Logarithmic (dbV, dBu, dBm, arbitrary dB) or linear (volts)
X axis
Linear or logarithmic
Windowing functions
Rectangular, Gaussian, triangular, Blackman, Blackman−Harris, Hamming, Hann, flat-top
Number of FFT points
Selectable from 128 to 1 million in powers of 2
Math channels
Functions
−x, x+y, x−y, x*y, x/y, x^y, sqrt, exp, ln, log, abs, norm, sign, sin, cos, tan, arcsin, arccos, arctan, sinh, cosh, tanh, delay, average,
frequency, derivative, integral, min, max, peak, duty, highpass, lowpass, bandpass, bandstop
Operands
A to B, D or H (input channels), T (time), reference waveforms, pi, constants
Automatic measurements
Scope mode
AC RMS, cycle time, DC average, duty cycle, edge count, fall time, falling edge count, falling rate, frequency, high pulse width,
low pulse width, maximum, minimum, negative duty cycle, peak-to-peak, rise time, rising edge count , rising rate, true RMS
Spectrum mode
Frequency at peak, amplitude at peak, average amplitude at peak, total power, THD %, THD dB, THD+N, SFDR, SINAD, SNR,
IMD
Statistics
Minimum, maximum, average, standard deviation
DeepMeasure™
Parameters
Cycle number, cycle time, frequency, low pulse width, high pulse width, duty cycle (high), duty cycle (low), rise time, fall time,
undershoot, overshoot, max. voltage, min. voltage, voltage peak to peak, start time, end time
Serial decoding
Protocols
1-Wire, ARINC 429, CAN, DALI, DCC, DMX512, Ethernet 10Base-T, FlexRay, I²C, I²S, LIN, Manchester, Modbus ASCII, Modbus
RTU, PS/2, SENT, SPI, UART (subject to number of channels available)
Mask limit testing
Statistics
Pass/fail, failure count, total count
Mask creation
User-drawn, table entry, auto-generated from waveform or imported from file
Display
Interpolation
Linear or sin(x)/x
Persistence modes
Digital color, analog intensity, custom, fast
Output
File formats
bmp, csv, gif, animated gif, jpg, mat, pdf, png, psdata, pssettings, txt
Functions
Save, copy to clipboard, print



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com