Electronic Components Datasheet Search
  English  ▼

X  

P25Q64LE Datasheet(PDF) 12 Page - Puya Semiconductor Co., Ltd.

Part # P25Q64LE
Description  Ultra Low Power, 64M-bit
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q64LE Datasheet(HTML) 12 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q64LE Datasheet HTML 8Page - Puya Semiconductor Co., Ltd. P25Q64LE Datasheet HTML 9Page - Puya Semiconductor Co., Ltd. P25Q64LE Datasheet HTML 10Page - Puya Semiconductor Co., Ltd. P25Q64LE Datasheet HTML 11Page - Puya Semiconductor Co., Ltd. P25Q64LE Datasheet HTML 12Page - Puya Semiconductor Co., Ltd. P25Q64LE Datasheet HTML 13Page - Puya Semiconductor Co., Ltd. P25Q64LE Datasheet HTML 14Page - Puya Semiconductor Co., Ltd. P25Q64LE Datasheet HTML 15Page - Puya Semiconductor Co., Ltd. P25Q64LE Datasheet HTML 16Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
P25Q64LE Datasheet
Puya Semiconductor
Page 12 of 96
5.4
AC Characteristics for Program and Erase
Table 5-4 AC parameters for program and erase(Ta=-40°C to +85°C)
Sym.
Parameter
1.65V to 2.0V
Units
Min.
Typ.
Max.
TESL(6)
Erase Suspend Latency
30
us
TPSL(6)
Program Suspend Latency
30
us
TPRS(4)
Latency between Program Resume and next Suspend
20
us
TERS(5)
Latency between Erase Resume and next Suspend
20
us
tPP
Page program time (up to 256 bytes)
2
3
ms
tPE
Page erase time
10
20
ms
tSE
Sector erase time
10
20
ms
tBE1
Block erase time for 32K bytes
10
20
ms
tBE2
Block erase time for 64K bytes
10
20
ms
tCE
Chip erase time
10
20
ms
Note
1. tCH + tCL must be greater than or equal to 1/ Frequency.
2. Typical values given for TA=25°C.
Not 100% tested.
3. Only applicable as a constraint for a WRSR instruction.
4. Program operation may be interrupted as often as system request. The minimum timing of tPRS must be
observed before issuing the next program suspend command. However, in order for an Program operation to
make progress, tPRS ≥ 350us must be included in resume-to-suspend loop(s). Not 100% tested.
5. Erase operation may be interrupted as often as system request. The minimum timing of tERS must be
observed before issuing the next erase suspend command. However, in order for an Erase operation to make
progress, tERS ≥ 350us must be included in resume-to-suspend loop(s). Notes. Not 100% tested.
6. Latency time is required to complete Erase/Program Suspend operation.
7. The value guaranteed by characterization, not 100% tested in production.
Figure 5-4 Serial Input Timing
SCLK
CS#
SI
MSB
SO
High-Z
LSB
tCHSL
tSLCH
tDVCH
tCHDX
tSHCH
tCHSH
tCHCL
tCLCH
tSHSL
tCLH tCLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com