Electronic Components Datasheet Search
  English  ▼

X  

TA155 Datasheet(PDF) 19 Page - Pico Technology Ltd.

Part # TA155
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA155 Datasheet(HTML) 19 Page - Pico Technology Ltd.

Back Button TA155 Datasheet HTML 15Page - Pico Technology Ltd. TA155 Datasheet HTML 16Page - Pico Technology Ltd. TA155 Datasheet HTML 17Page - Pico Technology Ltd. TA155 Datasheet HTML 18Page - Pico Technology Ltd. TA155 Datasheet HTML 19Page - Pico Technology Ltd. TA155 Datasheet HTML 20Page - Pico Technology Ltd. TA155 Datasheet HTML 21Page - Pico Technology Ltd. TA155 Datasheet HTML 22Page - Pico Technology Ltd. TA155 Datasheet HTML 23Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PicoScope 3000 Series
Kit contents and accessories
Your PicoScope 3000 Series oscilloscope kit contains the following items:
•
PicoScope 3000 Series oscilloscope
•
Quick start guide
•
USB 3.0 cable, 1.8 m
•
AC power adaptor (4-channel models only)
Probes
Each oscilloscope comes with probes specifically trimmed to match its performance.
50, 70 and 100 MHz models:
2/4 x TA375 100 MHz probes
200 MHz models:
2/4 x TA386 200 MHz probes.
MSO kit contents
Mixed-signal models come with extra accessories:
•
TA136 20-way digital input cable for MSOs
•
2 x TA139 pack of 12 logic test clips
USB connectivity and power
All PicoScope 3000 Series oscilloscopes are supplied with a USB 3.0 cable for SuperSpeed connectivity.
For models with four analog channels, the supplied AC power adaptor may be required if the USB port provides less
than 1200 mA to the instrument.
TA136 20-way digital input cable for MSOs
Oscilloscope probe
TA139 logic test clips, pack of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com