Electronic Components Datasheet Search
  English  ▼

X  

TA155 Datasheet(PDF) 22 Page - Pico Technology Ltd.

Part # TA155
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA155 Datasheet(HTML) 22 Page - Pico Technology Ltd.

Back Button TA155 Datasheet HTML 18Page - Pico Technology Ltd. TA155 Datasheet HTML 19Page - Pico Technology Ltd. TA155 Datasheet HTML 20Page - Pico Technology Ltd. TA155 Datasheet HTML 21Page - Pico Technology Ltd. TA155 Datasheet HTML 22Page - Pico Technology Ltd. TA155 Datasheet HTML 23Page - Pico Technology Ltd. TA155 Datasheet HTML 24Page - Pico Technology Ltd. TA155 Datasheet HTML 25Page - Pico Technology Ltd. TA155 Datasheet HTML 26Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
PicoScope 3000 Series
PicoScope
3203D and
3203D MSO
PicoScope
3403D and
3403D MSO
PicoScope
3204D and
3204D MSO
PicoScope
3404D and
3404D MSO
PicoScope
3205D and
3205D MSO
PicoScope
3405D and
3405D MSO
PicoScope
3206D and
3206D MSO
PicoScope
3406D and
3406D MSO
Channel-to-channel skew
2 ns, typical
Minimum input slew rate
10 V/µs
Overvoltage protection
±50 V (DC + AC peak)
Horizontal
Maximum sampling rate (real-time)
1 GS/s: 1 analog channel in use
500 MS/s: up to 2 analog channels or digital ports[1] in use
250 MS/s: up to 4 analog channels or digital ports[1] in use
125 MS/s: all other combinations
[1]
A digital port contains 8 digital channels
Maximum equivalent-time
sampling (ETS) rate
(repetitive signals)
2.5 GS/s
5 GS/s
10 GS/s
Maximum sampling rate (USB
streaming)
~17 MS/s in PicoScope software, divided between active channels (PC-dependent)
125 MS/s using PicoSDK, divided between active channels (PC-dependent)
Maximum capture rate
100 000 waveforms per second (PC-dependent)
Capture memory
64 MS
128 MS
256 MS
512 MS
Capture memory (streaming)
100 MS in PicoScope software. Up to available PC memory when using PicoSDK.
Maximum waveform
buffer segments
10 000 in PicoScope software
130 000 using PicoSDK
250 000 using PicoSDK
500 000 using PicoSDK
1 000 000 using PicoSDK
Timebase ranges
1 ns/div to 5000 s/div
500 ps/div to 5000 s/div
Timebase accuracy
±50 ppm
±2 ppm
Timebase drift per year
±5 ppm
±1 ppm
Sample jitter
3 ps RMS typical
ADC sampling
Simultaneous sampling on all enabled channels
Dynamic performance (typical)
Crosstalk
Better than 400:1 up to full bandwidth (equal voltage ranges)
Harmonic distortion
–50 dB at 100 kHz full scale input
SFDR
52 dB (44 dB on ±20 mV range) at 100 kHz full scale input
Noise
110 µV RMS on 20 mV range
160 µV RMS on 20 mV range
Bandwidth flatness
(+0.3 dB, –3 dB) from DC to full bandwidth
Triggering
Source
Analog channels (all models)
EXT trigger (not MSO models)
Digital channels (MSO models only)
Trigger modes
None, auto, repeat, single, rapid (segmented memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com