Electronic Components Datasheet Search
  English  ▼

X  

SE004 Datasheet(PDF) 10 Page - Pico Technology Ltd.

Part # SE004
Description  Cloud-connected 8-channel thermocouple data logger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE004 Datasheet(HTML) 10 Page - Pico Technology Ltd.

Back Button SE004 Datasheet HTML 3Page - Pico Technology Ltd. SE004 Datasheet HTML 4Page - Pico Technology Ltd. SE004 Datasheet HTML 5Page - Pico Technology Ltd. SE004 Datasheet HTML 6Page - Pico Technology Ltd. SE004 Datasheet HTML 7Page - Pico Technology Ltd. SE004 Datasheet HTML 8Page - Pico Technology Ltd. SE004 Datasheet HTML 9Page - Pico Technology Ltd. SE004 Datasheet HTML 10Page - Pico Technology Ltd. SE004 Datasheet HTML 11Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
USB TC-08 thermocouple data logger
Ordering information
Pico offers both off-the-shelf and built-to-order thermocouples for use with the TC-08. If you require a custom build for your application, our Technical Support team is available to
discuss your requirements. You can contact the team at support@picotech.com.
Type K and type T thermocouples
Order code Product name
Description
SE059
SE059 thermocouple type K
High-temperature, exposed tip, fiberglass-insulated, 1 m
SE060
SE060 thermocouple type K
High-temperature, exposed tip, fiberglass-insulated, 2 m
SE061
SE061 thermocouple type K
High-temperature, exposed tip, fiberglass-insulated, 3 m
SE062
SE062 thermocouple type K
High-temperature, exposed tip, fiberglass-insulated, 5 m
SE002
SE002 thermocouple type K
Probe, air, 4.5 mm tip
SE001
SE001 thermocouple type K
Exposed tip, fiberglass-insulated, 1 m
SE030
SE030 thermocouple type K
Exposed tip, fiberglass-insulated, 2 m
SE031
SE031 thermocouple type K
Exposed tip, fiberglass-insulated, 5 m
SE000
SE000 thermocouple type K
Exposed tip, PTFE-insulated, 1 m
SE027
SE027 thermocouple type K
Exposed tip, PTFE-insulated, 2 m
SE028
SE028 thermocouple type K
Exposed tip, PTFE-insulated, 3 m
SE029
SE029 thermocouple type K
Exposed tip, PTFE-insulated, 10 m
SE003
SE003 thermocouple type K
Insertion, 3.3 mm tip
SE004
SE004 thermocouple type K
Ribbon surface, 8 mm tip
SE056
SE056 thermocouple type T
5 mm × 50 mm stainless steel waterproof tip, silicone-insulated, 3 m
SE057
SE057 thermocouple type T
5 mm × 50 mm stainless steel waterproof tip, silicone-insulated, 5 m
SE058
SE058 thermocouple type T
5 mm × 50 mm stainless steel waterproof tip, silicone-insulated, 10 m
SE051
SE051 thermocouple type T
Exposed tip, fiberglass-insulated, 1 m
SE052
SE052 thermocouple type T
Exposed tip, fiberglass-insulated, 2 m
SE053
SE053 thermocouple type T
Exposed tip, fiberglass-insulated, 3 m
SE054
SE054 thermocouple type T
Exposed tip, fiberglass-insulated, 5 m
SE055
SE055 thermocouple type T
Exposed tip, fiberglass-insulated, 10 m
SE046
SE046 thermocouple type T
Exposed tip, PTFE-insulated, 1 m
SE047
SE047 thermocouple type T
Exposed tip, PTFE-insulated, 2 m
SE048
SE048 thermocouple type T
Exposed tip, PTFE-insulated, 3 m
SE049
SE049 thermocouple type T
Exposed tip, PTFE-insulated, 5 m
SE050
SE050 thermocouple type T
Exposed tip, PTFE-insulated, 10 m
*
Prices correct at the time of publication. Sales taxes not included. Please check www.picotech.com for the latest prices before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com