Electronic Components Datasheet Search
  English  ▼

X  

SE004 Datasheet(PDF) 7 Page - Pico Technology Ltd.

Part # SE004
Description  Cloud-connected 8-channel thermocouple data logger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE004 Datasheet(HTML) 7 Page - Pico Technology Ltd.

Back Button SE004 Datasheet HTML 3Page - Pico Technology Ltd. SE004 Datasheet HTML 4Page - Pico Technology Ltd. SE004 Datasheet HTML 5Page - Pico Technology Ltd. SE004 Datasheet HTML 6Page - Pico Technology Ltd. SE004 Datasheet HTML 7Page - Pico Technology Ltd. SE004 Datasheet HTML 8Page - Pico Technology Ltd. SE004 Datasheet HTML 9Page - Pico Technology Ltd. SE004 Datasheet HTML 10Page - Pico Technology Ltd. SE004 Datasheet HTML 11Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
USB TC-08 thermocouple data logger
Math channels
Sometimes you need to use data from one or more
measurement channels to graph and record a
calculated parameter. You can use the PicoLog 6
equation editor to set up simple math channels such as
A–B or more complex functions such as log, sqrt, abs,
round, min, max, mean and median.
PicoLog 6 treats math channels like any other channel,
so you can still set alarms and annotate them.
Alarms
In PicoLog 6, you can set up alarms to alert you to
various events. These can be as simple or as complex
as you like: alarms can trigger on a signal threshold or
disconnection of the data logger, or you can set up a
logic expression of your own. Alarms can play sounds,
display visual alerts, run applications or mark when the
event occurred on the graph.
Intuitive logger and channel setup
The Devices view lets you set up a multichannel acquisition
system in a simple way, with the option to use multiple
different Pico data loggers simultaneously. PicoLog shows
you an image of each connected device, so you can quickly
and easily enable or disable channels and set up their
properties.
On the right, you can see the device setup for the acquisition
on the previous page: two TC-08s and one ADC-20 voltage
input logger.
Robust file format
At the heart of PicoLog 6 is the file system, which stores live capture data directly to a
robust database, rather than to a single file that is vulnerable to corruption and data loss.
If the computer is shut down and rebooted, PicoLog will only lose the data during the
outage – saving resumes when you restart the software.
This file system also means that the size of the dataset you can capture you is virtually
unlimited – the only restriction is the size of your computer’s hard disk!
The .picolog file format is compatible across all operating systems, and there is no
need to set up a file to save to before the capture is complete. You can also save mid-
capture if you wish to share the data collected so far. Since anyone can download and
install PicoLog 6 for free, you can easily share saved data with co-workers, customers
and suppliers for offline post-analysis.
Data can be exported as CSV. In addition, you can export a PDF containing a graph,
channel configuration, capture notes, annotation notes and alarm trigger history.
PicoSDK®
Pico’s software development kit, PicoSDK, is available free of charge and allows you to
write your own software and interface to third-party software packages.
Pico also maintains repositories of example code on GitHub (github.com/picotech),
showing how to use PicoSDK with software packages such as Microsoft Excel, National
Instruments LabVIEW and MathWorks MATLAB, or with programming languages
including C, C++, C# and Visual Basic .NET.
PicoSDK and the TC-08 Programmer’s Guide are available to download from
www.picotech.com/downloads.
Try the PicoLog 6 software today!
PicoLog 6’s built-in demo mode allows you to try out the full
functionality of the software with a choice of virtual devices
and simulated live data. You also can use PicoLog 6 to view
previously saved data, even with no device connected. Visit
www.picotech.com/downloads and select PicoLog Data
Loggers to get your copy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com