Electronic Components Datasheet Search
  English  ▼

X  

PQ254 Datasheet(PDF) 32 Page - Pico Technology Ltd.

Part # PQ254
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ254 Datasheet(HTML) 32 Page - Pico Technology Ltd.

Back Button PQ254 Datasheet HTML 28Page - Pico Technology Ltd. PQ254 Datasheet HTML 29Page - Pico Technology Ltd. PQ254 Datasheet HTML 30Page - Pico Technology Ltd. PQ254 Datasheet HTML 31Page - Pico Technology Ltd. PQ254 Datasheet HTML 32Page - Pico Technology Ltd. PQ254 Datasheet HTML 33Page - Pico Technology Ltd. PQ254 Datasheet HTML 34Page - Pico Technology Ltd. PQ254 Datasheet HTML 35Page - Pico Technology Ltd. PQ254 Datasheet HTML 36Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
PicoScope® 6000E Series
PicoScope
6426E
PicoScope
6425E
PicoScope
6824E
PicoScope
6424E
PicoScope
6406E
PicoScope
6405E
PicoScope
6804E
PicoScope
6404E
PicoScope
6403E
Timebase ranges
1 ns/div to 5000 s/div
Initial timebase accuracy
±2 ppm
Timebase drift
±1 ppm/year
ADC sampling
Simultaneous sampling on all enabled analog and digital channels
External reference clock
Input characteristics
Hi-Z, AC coupled (> 1 kΩ at 10 MHz)
Input frequency range
10 MHz ±50 ppm
Input connector
Rear-panel BNC, dedicated
Input level
200 mV to 3.3 V peak to peak
Overvoltage protection
±5 V peak max
Dynamic performance (typical)
Crosstalk
2500:1 (±10 mV to ±1 V
ranges)
600:1 (±2 V to ±20 V ranges)
1200:1 (±10 mV to ±1 V
ranges)
300:1 (±2 V to ±20 V ranges)
2500:1 (±10 mV to ±1 V
ranges)
600:1 (±2 V to ±20 V ranges)
1200:1 (±10 mV to ±1 V ranges)
300:1 (±2 V to ±20 V ranges)
(from DC to bandwidth of victim channel, equal voltage ranges)
Harmonic
distortion
8-bit mode
–50 dB at 1 MHz full scale
10/12-bit mode
–60 dB at 1 MHz full scale
N/A
SFDR
> 60 dB on ±50 mV to ±20 V ranges
> 50 dB on ±50 mV to ±20 V ranges
Noise
< 150 μV RMS on most sensitive range
< 200 μV RMS on most sensitive range
Linearity
8-bit mode
< 2 LSB
10-bit mode
< 4 LSB
N/A
Bandwidth flatness
(+0.3 dB, –3 dB) from DC to full bandwidth
Low frequency flatness
< ±3% (or ±0.3 dB) from DC to 1 MHz
Triggering
Source
Any analog channel, AUX trigger, plus digital channels with optional TA369 MSO pods
Trigger modes
None, auto, repeat, single, rapid (segmented memory)
Advanced trigger types
(analog channels)
Edge (rising, falling, rising-or-falling), window (entering, exiting, entering-or-exiting), pulse width (positive or negative pulse), window pulse
width (time inside or outside window), level dropout, window dropout, interval, runt (positive or negative), logic
Logic trigger allows the combination of up to 4 analog channels or MSO ports into a trigger condition. Select from built-in AND, NAND, OR,
NOR, XOR & XNOR functions in PicoScope 6, or define arbitrary functions when using PicoSDK.
Trigger sensitivity
(analog channels)
Digital triggering provides 1 LSB accuracy up to full bandwidth of scope with adjustable hysteresis
Advanced trigger types (digital
channels, with optional MSO pods)
Edge, pulse width, dropout, interval, pattern, logic (mixed signal)
Pre-trigger capture
Up to 100% of capture size
Post-trigger
delay
PicoScope 6
Zero to > 4x109 samples, settable in 1 sample steps (delay range at fastest sample rate of 0.8 s in 200 ps steps)
PicoSDK
Zero to > 1x1012 samples, settable in 1 sample steps (delay range at fastest sample rate of > 200 s in 200 ps steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com