Electronic Components Datasheet Search
  English  ▼

X  

PQ254 Datasheet(PDF) 6 Page - Pico Technology Ltd.

Part # PQ254
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ254 Datasheet(HTML) 6 Page - Pico Technology Ltd.

Back Button PQ254 Datasheet HTML 2Page - Pico Technology Ltd. PQ254 Datasheet HTML 3Page - Pico Technology Ltd. PQ254 Datasheet HTML 4Page - Pico Technology Ltd. PQ254 Datasheet HTML 5Page - Pico Technology Ltd. PQ254 Datasheet HTML 6Page - Pico Technology Ltd. PQ254 Datasheet HTML 7Page - Pico Technology Ltd. PQ254 Datasheet HTML 8Page - Pico Technology Ltd. PQ254 Datasheet HTML 9Page - Pico Technology Ltd. PQ254 Datasheet HTML 10Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
PicoScope® 6000E Series
PicoScope 6000E Series inputs, outputs and indicators
8-channel front panel
Input channels A to H
4-channel front panel
Analog input channels A to D, with intelligent probe interfaces
Probe compensation output
Probe compensation ground
Power LED
Status/trigger LED
Digital 1 and
Digital 2 MSO pod
interfaces – accept
TA369 MSO pods
Probe compensation output
Probe compensation ground
Power LED
Status/trigger LED
Digital 1 and Digital 2
MSO pod interfaces –
accept TA369 MSO pods
AWG output
50 MHz 14 bits
200 MS/s
10 MHz clock reference input
The scope will automatically
switch to the external reference
when a clock signal is detected.
Aux Trig – trigger from an
external logic-level source
and integrate the scope into a
larger system
Ground – accepts bare
wire or 4 mm (banana)
plug.
USB 3.0 port
12 V DC input – use only the
mains power adaptor supplied
with the oscilloscope
Rear panel
Intelligent probe interface
With an intelligent probe interface on channels
C to F on 8-channel models and all channels on
4-channel models, the PicoScope 6000E Series
supports innovative active probes with a low-
profile mechanical design for ease of connectivity
and low loading of the device under test.
See page 26 for full details of our A3000 Series
active probes.
Intelligent probe interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com