Electronic Components Datasheet Search
  English  ▼

X  

BUD43D2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUD43D2
Description  Bipolar NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUD43D2 Datasheet(HTML) 2 Page - ON Semiconductor

  BUD43D2 Datasheet HTML 1Page - ON Semiconductor BUD43D2 Datasheet HTML 2Page - ON Semiconductor BUD43D2 Datasheet HTML 3Page - ON Semiconductor BUD43D2 Datasheet HTML 4Page - ON Semiconductor BUD43D2 Datasheet HTML 5Page - ON Semiconductor BUD43D2 Datasheet HTML 6Page - ON Semiconductor BUD43D2 Datasheet HTML 7Page - ON Semiconductor BUD43D2 Datasheet HTML 8Page - ON Semiconductor BUD43D2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BUD43D2
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (IC = 100 mA, L = 25 mH)
VCEO(sus)
400
470
–
Vdc
Collector–Base Breakdown Voltage (ICBO = 1 mA)
@ TC = 25°C
VCBO
700
920
–
Vdc
Emitter–Base Breakdown Voltage (IEBO = 1 mA)
@ TC = 25°C
VEBO
12
14.5
–
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, IB = 0)
@ TC = 25°C
@ TC = 125°C
ICEO
–
–
–
–
50
500
mAdc
Collector Cutoff Current (VCE = Rated VCES, VEB = 0)
Collector Cutoff Current (VCE = 500 V, VEB = 0)
@ TC = 25°C
@ TC = 125°C
@ TC = 125°C
ICES
–
–
–
–
–
–
50
500
100
mAdc
Emitter–Cutoff Current (VEB = 10 Vdc, IC = 0)
@ TC = 25°C
IEBO
–
–
100
mAdc
ON CHARACTERISTICS
Base–Emitter Saturation Voltage
(IC = 0.4 Adc, IB = 40 mAdc)
@ TC = 25°C
@ TC = 125°C
VBE(sat)
–
–
0.78
0.65
0.9
0.8
Vdc
(IC = 1 Adc, IB = 0.2 Adc)
@ TC = 25°C
@ TC = 125°C
–
–
0.85
0.76
1.0
0.9
Collector–Emitter Saturation Voltage
(IC = 0.4 Adc, IB = 20 mAdc)
@ TC = 25°C
@ TC = 125°C
VCE(sat)
–
–
0.40
0.60
0.65
1.0
Vdc
(IC = 0.4 Adc, IB = 40 mAdc)
@ TC = 25°C
@ TC = 125°C
–
–
0.20
0.20
0.4
0.5
(IC = 1 Adc, IB = 0.2 Adc)
@ TC = 25°C
@ TC = 125°C
–
–
0.25
0.30
0.5
0.6
DC Current Gain
(IC = 0.4 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
hFE
20
18
32
26
–
–
–
(IC = 1 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
10
7.0
15
9.5
–
–
(IC = 2 Adc, VCE = 5 Vdc)
@ TC = 25°C
8.0
13
–
DIODE CHARACTERISTICS
Forward Diode Voltage
(IEC = 0.2 Adc)
@ TC = 25°C
VEC
–
0.8
1.0
Vdc
(IEC = 0.2 Adc)
@ TC = 125°C
–
0.6
–
(IEC = 0.4 Adc)
@ TC = 25°C
–
0.9
1.2
(IEC = 1 Adc)
@ TC = 25°C
–
1.1
1.5
Forward Recovery Time (see Figure 22)
(IF = 0.2 Adc, di/dt = 10 A/ms)
@ TC = 25°C
Tfr
–
415
–
ns
(IF = 0.4 Adc, di/dt = 10 A/ms)
@ TC = 25°C
–
390
–
(IF = 1 Adc, di/dt = 10 A/ms)
@ TC = 25°C
–
340
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com