Electronic Components Datasheet Search
  English  ▼

X  

BUD43D2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUD43D2
Description  Bipolar NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUD43D2 Datasheet(HTML) 3 Page - ON Semiconductor

  BUD43D2 Datasheet HTML 1Page - ON Semiconductor BUD43D2 Datasheet HTML 2Page - ON Semiconductor BUD43D2 Datasheet HTML 3Page - ON Semiconductor BUD43D2 Datasheet HTML 4Page - ON Semiconductor BUD43D2 Datasheet HTML 5Page - ON Semiconductor BUD43D2 Datasheet HTML 6Page - ON Semiconductor BUD43D2 Datasheet HTML 7Page - ON Semiconductor BUD43D2 Datasheet HTML 8Page - ON Semiconductor BUD43D2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BUD43D2
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC SATURATION VOLTAGE
IC = 400 mA
IB1 =40mA
@ 1
ms
@ TC = 25°C
@ TC = 125°C
VCE(dsat)
–
–
3.3
6.8
–
–
V
Dynamic Saturation
IB1 = 40 mA
VCC = 300 Vdc
@ 3
ms
@ TC = 25°C
@ TC = 125°C
–
–
0.5
1.3
–
–
Dynamic Saturation
Voltage
IC = 1 A
IB1 = 200 mA
@ 1
ms
@ TC = 25°C
@ TC = 125°C
–
–
4.4
12.8
–
–
IB1 = 200 mA
VCC = 300 Vdc
@ 3
ms
@ TC = 25°C
@ TC = 125°C
–
–
0.5
1.8
–
–
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth (IC = 0.5 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
–
13
–
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
–
50
75
pF
Input Capacitance (VEB = 8 Vdc, f = 1 MHz)
Cib
–
250
500
pF
SWITCHING CHARACTERISTICS: Resistive Load (Vclamp = 300 V, VCC = 15 V, L = 200 mH)
Turn–on Time
IC = 1 Adc, IB1 = 0.2 Adc
IB2 =05Adc
@ TC = 25°C
@ TC = 125°C
ton
–
–
200
200
250
–
ns
Turn–off Time
IB2 = 0.5 Adc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
toff
–
–
1.5
1.5
1.75
–
ms
Turn–on Time
IC = 0.5 Adc, IB1 = 50 mAdc
IB2 = 250 mAdc
@ TC = 25°C
@ TC = 125°C
ton
–
–
225
600
300
–
ns
Turn–off Time
IB2 = 250 mAdc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
toff
800
–
–
1300
1100
–
ns
SWITCHING CHARACTERISTICS: Inductive Load
Fall Time
@ TC = 25°C
@ TC = 125°C
tf
–
–
90
105
150
–
ns
Storage Time
IC = 0.4 Adc
IB1 = 40 mAdc
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
ts
–
–
0.55
0.7
0.75
–
ms
Crossover Time
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
tc
–
–
85
80
150
–
ns
Fall Time
@ TC = 25°C
@ TC = 125°C
tf
–
–
100
90
150
–
ns
Storage Time
IC = 1.0 Adc
IB1 = 0.2 Adc
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
ts
–
–
1.05
1.45
1.5
–
ms
Crossover Time
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
tc
–
–
100
100
175
–
ns
Fall Time
@ TC = 25°C
@ TC = 125°C
tf
–
–
110
180
150
–
ns
Storage Time
IC = 0.8 Adc
IB1 = 160 mAdc
IB2 = 160 mAdc
@ TC = 25°C
@ TC = 125°C
ts
2.5
–
–
2.8
2.8
–
ms
Crossover Time
IB2 = 160 mAdc
@ TC = 25°C
@ TC = 125°C
tc
–
–
150
400
250
–
ns
Fall Time
@ TC = 25°C
@ TC = 125°C
tf
–
–
150
175
225
–
ns
Storage Time
IC = 0.4 Adc
IB1 = 40 mAdc
IB2 = 40 mAdc
@ TC = 25°C
@ TC = 125°C
ts
1.7
–
–
2.2
2.0
–
ms
Crossover Time
IB2 = 40 mAdc
@ TC = 25°C
@ TC = 125°C
tc
–
–
125
330
250
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com