Electronic Components Datasheet Search
  English  ▼

X  

30SPA0553 Datasheet(PDF) 1 Page - Mimix Broadband

Part # 30SPA0553
Description  27.0-32.0 GHz GaAs MMIC Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

30SPA0553 Datasheet(HTML) 1 Page - Mimix Broadband

  30SPA0553 Datasheet HTML 1Page - Mimix Broadband 30SPA0553 Datasheet HTML 2Page - Mimix Broadband 30SPA0553 Datasheet HTML 3Page - Mimix Broadband 30SPA0553 Datasheet HTML 4Page - Mimix Broadband 30SPA0553 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
30SPA0553
Mimix Broadband's three stage 27.0-32.0 GHz GaAs
MMIC power amplifier has a small signal gain of 22.0
dB with +33 dBm saturated output power. This MMIC
uses Mimix Broadband
’
s 0.15
µ
m GaAs PHEMT device
model technology, and is based upon electron beam
lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes
and gold metallization to allow either a conductive
epoxy or eutectic solder die attach process. This
device is well suited for Millimeter-wave Point-to-
Point Radio, LMDS, SATCOM and VSAT applications.
27.0-32.0 GHz GaAs MMIC
Power Amplifier
Ka-Band 2W Power Amplifier
22.0 dB Small Signal Gain
+33.0 dBm Saturated Output Power
+40.0 dBm Output Third Order Intercept (OIP3)
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
General Description
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness (
ΔS21)
Reverse Isolation (S12)
Saturated Output Power (Psat)
Drain Bias Voltage (Vd1,2,3)
Gate Bias Voltage (Vg1,2,3)
Supply Current (Id1) (Vd=5.0V, Vg=-0.7V Typical)
Supply Current (Id2) (Vd=5.0V, Vg=-0.7V Typical)
Supply Current (Id3) (Vd=5.0V, Vg=-0.7V Typical)
Units
GHz
dB
dB
dB
dB
dB
dBm
VDC
VDC
mA
mA
mA
Min.
27.0
-
-
-
-
-
-
-
-1.2
-
-
-
Typ.
-
10.0
15.0
22.0
+/-1.0
50.0
+33.0
+5.0
-0.9
100
250
550
Max.
32.0
-
-
-
-
-
-
+6.0
0.0
150
350
750
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1,2,3)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.5 VDC
165,415,790 mA
+0.3 VDC
TBD
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
Page 1 of 5
1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2005 - Rev 01-Sep-05


Similar Part No. - 30SPA0553

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
30SPA0557 MIMIX-30SPA0557 Datasheet
402Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - 30SPA0553

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
27.0-35.0 GHz GaAs MMIC Power Amplifier
30SPA0536 MIMIX-30SPA0536 Datasheet
295Kb / 5P
27.0-33.0 GHz GaAs MMIC Power Amplifier
30SPA0557 MIMIX-30SPA0557 Datasheet
402Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD Datasheet
284Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1027-BD MIMIX-XP1027-BD Datasheet
236Kb / 5P
27.0-33.0 GHz GaAs MMIC Power Amplifier
XU1004 MIMIX-XU1004_06 Datasheet
194Kb / 7P
32.0-45.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_07 Datasheet
263Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
27.0-35.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_10 Datasheet
1Mb / 10P
27.0-32.0 GHz GaAs MMIC
XU1004-BD MIMIX-XU1004-BD_08 Datasheet
264Kb / 7P
32.0-45.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com